Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2102 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N2102
Description  MEDIUM POWER AMPLIFIER & SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N2102 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N2102 Datasheet HTML 1Page - Comset Semiconductor 2N2102 Datasheet HTML 2Page - Comset Semiconductor 2N2102 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN 2N2102
COMSET SEMICONDUCTORS
1/3
MEDIUM POWER AMPLIFIER & SWITCH
The 2N2102 is a silicon Planar Epitaxial NPN transistor in Jedec TO-39 metal case.
They are intended for a wide variety of small-signall and medium power applications
in military and industrial equipments.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage (IB = 0)
65
V
VCBO
Collector-Base Voltage (IE = 0)
120
V
VCER
Collector-Emitter Voltage (RBE = 10 Ω)
80
V
VEBO
Emitter-Base Voltage
7
V
IC
Collector Current
1
A
PD
Total Power Dissipation
Tamb= 25°C
1
W
Tcase= 25°C
5
TJ
Junction Temperature
-65 to 200
°C
TStg
Storage Temperature range
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-c
Thermal Resistance, Junction-case
35
°C/ W
Rthj-a
thermal resistance from junction to ambient in free air
175


Similar Part No. - 2N2102

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N2102 STMICROELECTRONICS-2N2102 Datasheet
48Kb / 4P
EPITAXIAL PLANAR NPN
Dec-2002
logo
Boca Semiconductor Corp...
2N2102 BOCA-2N2102 Datasheet
118Kb / 1P
AMPLIFIER TRANSISTOR NPN SILICON
logo
Micro Electronics
2N2102 MICRO-ELECTRONICS-2N2102 Datasheet
147Kb / 2P
COMPLEMEMTARY SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Seme LAB
2N2102 SEME-LAB-2N2102 Datasheet
16Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
New Jersey Semi-Conduct...
2N2102 NJSEMI-2N2102 Datasheet
153Kb / 1P
Diode TP-39
More results

Similar Description - 2N2102

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
KGF1262 OKI-KGF1262 Datasheet
141Kb / 10P
Medium-Power Amplifier
logo
STMicroelectronics
STZTA42 STMICROELECTRONICS-STZTA42 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
STZTA92 STMICROELECTRONICS-STZTA92 Datasheet
70Kb / 4P
MEDIUM POWER AMPLIFIER
Oct-1995
logo
BOWEI Integrated Circui...
HE572L BOWEI-HE572L Datasheet
106Kb / 1P
Medium Power Amplifier
HE584 BOWEI-HE584 Datasheet
130Kb / 1P
Medium Power Amplifier
HE641B BOWEI-HE641B Datasheet
95Kb / 1P
Medium Power Amplifier
HE641D BOWEI-HE641D Datasheet
94Kb / 1P
Medium Power Amplifier
logo
KODENSHI_AUK CORP.
2SA1979U KODENSHI-2SA1979U Datasheet
277Kb / 4P
Medium power amplifier
2SC5342U KODENSHI-2SC5342U Datasheet
194Kb / 4P
Medium power amplifier
2SC5342UF KODENSHI-2SC5342UF Datasheet
217Kb / 4P
Medium power amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com