Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLD402S Datasheet(PDF) 2 Page - Sony Corporation

Part # SLD402S
Description  20W Array Laser Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

SLD402S Datasheet(HTML) 2 Page - Sony Corporation

  SLD402S Datasheet HTML 1Page - Sony Corporation SLD402S Datasheet HTML 2Page - Sony Corporation SLD402S Datasheet HTML 3Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
– 2 –
SLD402S
Optical and Electrical Characteristics
(TC = 25°C)
Handling Precautions
Eye protection against laser beams
The optical output of laser diodes ranges from
several mW to 3W. However the optical power
density of the laser beam at the diode chip
reaches 1MW/cm2. Unlike gas lasers, since laser
diode beams are divergent, uncollimated laser
diode beams are fairly safe at a laser diode. For
observing laser beams, ALWAYS use safety
goggles that block infrared rays. Usage of IR
scopes, IR cameras and fluorescent plates is also
recommended for monitoring laser beams safely.
In addition, the laser diode array of this product
is not protected by window glass or other
covering (open package product ), so special
care is necessary when handling.
Safety goggles
for protection from
laser beam
IR fluorescent plate
Optical material
Laser diode
Optical board
Optical power output control device
Temperature control device
Lens
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Ith
Iop
Vop
λP
θ⊥
θ//
∆X, ∆Y
∆φ⊥
∆φ//
ηD
Threshold current
Operating current
Operating voltage
Wavelength
Radiation angle
Positional accuracy
Differential efficiency
PO = 20W
PO = 20W
PO = 20W
PO = 20W
PO = 20W
PO = 20W
PO = 20W
790
0.5
6
25
1.9
33
8
1.0
15
30
3.0
840
40
15
±300
±5
±4
1.5
A
A
V
nm
degree
degree
µm
degree
degree
W/A
Perpendicular
Parallel
Position
Angle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com