Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N3441 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # 2N3441
Description  SILICON POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N3441 Datasheet(HTML) 1 Page - Comset Semiconductor

  2N3441 Datasheet HTML 1Page - Comset Semiconductor 2N3441 Datasheet HTML 2Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NPN 2N3441
1 | 2
20/09/2012
COMSET SEMICONDUCTORS
SILICON POWER TRANSISTOR
The 2N3441 are NPN transistors mounted in TO-66 metal package with the collector
connected to the case .
They are intended for use in general purpose switching and amplifier applications.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
VCEO
Collector-Emitter Voltage
IB = 0
140
V
VCBO
Collector-Base Voltage
IE = 0
160
V
VEBO
Emitter-Base Voltage
IC = 0
7
V
IC
Collector Current
3
A
IB
Base Current
2
A
Pt
Total Power Dissipation
@ TC = 25°
25
W
TJ
Junction Temperature
200
°C
TStg
Storage Temperature
-65 to +200
°C
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter Sustaining
Voltage (*)
IC= 100 mA , IB= 0 A
140
-
-
V
ICEO
Collector Cutoff Current
VCE= 140 V , IB= 0
-
-
10
mA
ICEX
Collector Cutoff Current
VCE= 140 V , VBE= 1.5 V
-
-
5
mA
VCE= 140 V , VBE= 1.5 V
Tcase = 150°C
-
-
6
IEBO
Emitter Cutoff Current
VEB= 7 V, IC= 0 A
-
-
1
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC= 2.7 A , IB= 900 mA
-
-
6
V
VBE(on)
Base-Emitter on Voltage (*)
IC= 40 A , IB= 4 A
-
-
6.5
V
hFE
DC Current Gain
IC= 500 mA, VCE= 4 V
25
-
100
-
IC= 2.7 A, VCE= 4 V
5
-
-
(*) Pulse Duration = 300
µs, Duty Cycle <= 1.5%


Similar Part No. - 2N3441

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N3441 MOSPEC-2N3441 Datasheet
94Kb / 2P
POWER TRANSISTORS(3A,140V,25W)
logo
Seme LAB
2N3441 SEME-LAB-2N3441 Datasheet
13Kb / 2P
MEDIUM POWER SILICON NPN TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N3441 MICROSEMI-2N3441 Datasheet
64Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
Savantic, Inc.
2N3441 SAVANTIC-2N3441 Datasheet
112Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N3441

ManufacturerPart #DatasheetDescription
logo
NEC
2SC2331 NEC-2SC2331 Datasheet
265Kb / 6P
Silicon Power Transistor
2SC4342 NEC-2SC4342 Datasheet
56Kb / 8P
Silicon Power Transistor
logo
Comset Semiconductor
BDT82 COMSET-BDT82 Datasheet
359Kb / 3P
SILICON POWER TRANSISTOR
logo
Renesas Technology Corp
2SA1385-Z RENESAS-2SA1385-Z Datasheet
796Kb / 6P
SILICON POWER TRANSISTOR
2SA1412-Z RENESAS-2SA1412-Z Datasheet
785Kb / 6P
SILICON POWER TRANSISTOR
2SA1744 RENESAS-2SA1744 Datasheet
269Kb / 8P
SILICON POWER TRANSISTOR
2SB1431 RENESAS-2SB1431 Datasheet
257Kb / 8P
SILICON POWER TRANSISTOR
2SC3632-Z RENESAS-2SC3632-Z Datasheet
895Kb / 7P
SILICON POWER TRANSISTOR
2SC4331 RENESAS-2SC4331 Datasheet
276Kb / 7P
SILICON POWER TRANSISTOR
2SD1164-Z RENESAS-2SD1164-Z Datasheet
1Mb / 6P
SILICON POWER TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com