Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N6282 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # 2N6282
Description  NPN SILICON DARLINGTON POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

2N6282 Datasheet(HTML) 2 Page - Comset Semiconductor

  2N6282 Datasheet HTML 1Page - Comset Semiconductor 2N6282 Datasheet HTML 2Page - Comset Semiconductor 2N6282 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2N6282 – 2N6283 – 2N6284
04/12/2012
COMSET SEMICONDUCTORS
2/3
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
RthJ-C
Thermal Resistance Junction-Case
1.09
°C/W
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Breakdown Voltage
(*)
IC= 200 m A
IB= 0
2N6282
60
-
-
V
2N6283
80
-
-
2N6284
100
-
-
ICEO
Collector Cutoff
Current
VCE= 30 V, IB= 0
2N6282
-
-
1
mA
VCE= 40 V, IB= 0
2N6283
VCE= 50 V, IB= 0
2N6284
IEBO
Emitter Cutoff
Current
VBE= 5 V, IC= 0
2N6282
-
-
2
mA
2N6283
2N6284
ICEX
Collector Cutoff
Current
VCE= 60 V, VBE= -1.5 V
2N6282
-
-
500
µA
VCE= 80 V, VBE= -1.5 V
2N6283
VCE= 100 V, VBE= -1.5 V 2N6284
VCE= 60 V, VBE= -1.5 V
TC = 150°C
2N6282
-
-
5
mA
VCE= 80 V, VBE= -1.5 V
TC = 150°C
2N6283
VCE= 100 V, VBE= -1.5 V
TC = 150°C
2N6284
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 10 A, IB= 40 mA
2N6282
-
-
2
V
2N6283
2N6284
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 20 A, IB= 200 mA
2N6282
-
-
3
V
2N6283
2N6284
VBE(SAT)
Base-Emitter
saturation Voltage (*)
IC= 20 A, IB= 200 mA
2N6282
-
-
4
V
2N6283
2N6284
VBE
Base-Emitter Voltage
(*)
VCE= 3 V, IC= 10 A
2N6282
-
-
2,8
V
2N6283
2N6284



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com