Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC109 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BC109
Description  LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BC109 Datasheet(HTML) 1 Page - Comset Semiconductor

  BC109 Datasheet HTML 1Page - Comset Semiconductor BC109 Datasheet HTML 2Page - Comset Semiconductor BC109 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN BC107 – BC108 – BC109
25/09/2012
COMSET SEMICONDUCTORS
1/3
The BC107, BC108 and BC109 are silicon planar epitaxial NPN transistors mounted in TO-18
metal package.
They are suitable for use in drive audio stages, low-noise input audio stages and as low power,
high gain general purpose transistors.
The complementary PNP are BC177, BC178 and BC179.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
BC107
BC108
BC109
Unit
VCEO
Collector-Emitter Voltage (IB =0)
45
20
20
V
VCBO
Collector-Base Voltage (IE =0)
50
30
30
V
VEBO
Emitter-Base Voltage (IC =0)
6
5
5
V
IC
Collector Current
100
mA
ICM
Collector Peak Current
200
mA
PD
Total Power Dissipation
@ Tamb = 25°
300
mW
TJ
Junction Temperature
175
°C
TStg
Storage Temperature range
-65 to +150
°C
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector Cutoff Current
VCB = 20 V
IE = 0
BC107
-
-
15
nA
BC108
BC109
VCB = 20 V
IE = 0 V
Tj = 150°C
BC107
-
-
15
µA
BC108
BC109
IEBO
Emitter Cutoff Current
VEB = 5 V
IC = 0
BC107
-
-
50
nA
BC108
BC109
VCEO
Collector-Emitter
Breakdown Voltage
IC = 10 mA
IB = 0
BC107
45
-
-
V
BC108
20
-
-
BC109
20
-
-
VCBO
Collector-Base
Breakdown Voltage
IC = 10 µA
VBE = 0
BC107
50
-
-
V
BC108
30
-
-
BC109
30
-
-
VEBO
Emitter-Base Breakdown
Voltage
IE = 10 µA
IC = 0
BC107
5
-
-
V
BC108
BC109
L
LO
OW
W N
NO
OIIS
SE
E G
GE
EN
NE
ER
RA
AL
L P
PU
UR
RP
PO
OS
SE
E A
AU
UD
DIIO
O A
AM
MP
PL
LIIF
FIIE
ER
RS
S


Similar Part No. - BC109

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
49Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Seme LAB
BC109 SEME-LAB-BC109 Datasheet
14Kb / 2P
GENERAL PURPOSE SMALL SIGNAL NPN BIPOLAR TRANSISTOR
logo
Siemens Semiconductor G...
BC109 SIEMENS-BC109 Datasheet
263Kb / 8P
npn sisicon transistor
logo
NXP Semiconductors
BC109 PHILIPS-BC109 Datasheet
55Kb / 8P
NPN general purpose transistors
1997 Sep 03
logo
Micro Electronics
BC109 MICRO-ELECTRONICS-BC109 Datasheet
228Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results

Similar Description - BC109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107 Datasheet
69Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
BC177 STMICROELECTRONICS-BC177 Datasheet
77Kb / 6P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Nov-1997
BC477 STMICROELECTRONICS-BC477 Datasheet
139Kb / 5P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Jan 1989
BCY58 STMICROELECTRONICS-BCY58 Datasheet
99Kb / 6P
LOW NOISE AUDIO AMPLIFIERS
Jan-1989
logo
RF Micro Devices
RF2304 RFMD-RF2304 Datasheet
197Kb / 10P
GENERAL PURPOSE LOW-NOISE AMPLIFIER
logo
STMicroelectronics
BC107 STMICROELECTRONICS-BC107_06 Datasheet
385Kb / 9P
Low noise general purpose audio amplifiers
06-Nov-2006
logo
Comset Semiconductor
BC177 COMSET-BC177 Datasheet
151Kb / 3P
LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
logo
Texas Instruments
OPA1652 TI-OPA1652_15 Datasheet
1Mb / 29P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1662 TI-OPA1662_15 Datasheet
1Mb / 32P
Low Noise and Distortion, General-Purpose, FET-Input AUDIO OPERATIONAL AMPLIFIERS
OPA1692 TI1-OPA1692 Datasheet
488Kb / 23P
Low-Power, Low-Noise and Low-Distortion Audio Operational Amplifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com