Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD246C Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD246C
Description  PNP SINGLE-DIFFUSED MESA SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD246C Datasheet(HTML) 2 Page - Comset Semiconductor

  BD246C Datasheet HTML 1Page - Comset Semiconductor BD246C Datasheet HTML 2Page - Comset Semiconductor BD246C Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BD246, A, B, C
25/09/2012
COMSET SEMICONDUCTORS
2/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ICES
Collector- Emitter
Cut-off Current
VCE = -55 V , VBE = 0
BD246
-
-
-0.4
mA
VCE = -70 V , VBE = 0
BD246A
VCE = -90 V , VBE = 0
BD246B
VCE = -115 V , VBE = 0
BD246C
ICEO
Collector Cut-off
Current
VCE = -30 V , IB = 0
BD246
-
-
-0.7
mA
BD246A
VCE = -60 V , IB = 0
BD246B
BD246C
IEBO
Emitter Cut-off
Current
VE B = -5 V , IC = 0
-
-
-1
mA
VCEO
Collector- Emitter
Breakdown Voltage
(*)
IC = -30 mA, IB = 0
BD246
-45
-
-
V
BD246A
-60
-
-
BD246B
-80
-
-
BD246C
-100
-
-
hFE
DC Current Gain (*)
VCE = -4 V, IC = -1 A
40
-
-
-
VCE = -4 V, I C= -3 A
20
-
-
VCE = -4 V, IC = -10 A
4
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC = -3 A, IB = -300 mA
-
-
-1
V
IC = -10 A, IB = -2.5 A
-
-
-4
VBE
Base-Emitter
Voltage(*)
VCE = -4 V, IC = -3 A
-
-
-1.6
V
VCE = -4 V, IC = -10 A
-
-
-3
hfe
Small Signal forward
Current Transfer ratio
VCE = -10 V, IC = -500 mA, f = 1MHz
20
-
-
-
|hfe|
Small Signal forward
Current Transfer ratio
VCE = -10 V, IC = -500 mA, f = 1MHz
3
-
-
RESISTIVE-LOAD-SWITCHING CHARACTERISTICS AT 25°C CASE
TEMPERATURE
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
ton
Turn-on Time
IC = -1 A , IB(on) = -100 mA , IB(off) =
100 mA
VBE(off) = 3.7 V , RL = 20 Ω , tp = 20
µs
dc
< 2%
-
0.2
-
µs
toff
Turn-off Time
IC = -1 A , IB(on) = -100 mA , IB(off) =
100 mA
VBE(off) = 3.7 V , RL = 20 Ω , tp = 20
µs
dc
< 2%
-
0.8
-



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com