Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD437 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD437
Description  SILICON NPN POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD437 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD437 Datasheet HTML 1Page - Comset Semiconductor BD437 Datasheet HTML 2Page - Comset Semiconductor BD437 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN BD433 – BD435 – BD437
25/09/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICBO
Collector cut-off
current
IE= 0, VCB= 22 V
BD433
-
-
100
µA
IE= 0, VCB= 32 V
BD435
IE= 0, VCB= 45 V
BD437
ICES
Collector cut-off
current
VBE= 0, VCE= 22 V
BD433
-
-
100
VBE= 0, VCE= 32 V
BD435
VBE= 0, VCE= 45 V
BD437
IEBO
Emitter cut-offcurrent
IC= 0
VEB= 5 V
BD433
-
-
1
mA
BD435
BD437
VCEO(SUS)
Collector-Emitter
sustaning Voltage (*)
IB= 0
IC= 100 mA
BD433
22
-
-
V
BD435
32
-
-
BD437
45
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 2 A
IB= 200 mA
BD433
-
-
0.5
V
BD435
BD437
0.6
VBE
Base-Emitter
Voltage(*)
IC= 2 A
VCE= 1 V
BD433
-
-
1.1
V
BD435
BD437
1.2
hFE
DC Current Gain (*)
IC= 10 mA
VCE= 5 V
BD433
40
-
130
-
BD435
BD437
30
-
130
IC= 500 mA
VCE= 1 V
BD433
85
-
140
BD435
BD437
IC= 2 A
VCE= 1 V
BD433
50
-
-
BD435
BD437
40
-
-
fT
Transition frequency
IC= 250 mA
VCE= 1 V
BD433
3
-
-
MHz
BD435
BD437
1.
Measured under pulse conditions :tP <300µs, δ <1.5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com