Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD912 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BD912
Description  POWER LINEAR AND SWITCHING APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BD912 Datasheet(HTML) 2 Page - Comset Semiconductor

  BD912 Datasheet HTML 1Page - Comset Semiconductor BD912 Datasheet HTML 2Page - Comset Semiconductor BD912 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BD912
23/10/2012
COMSET SEMICONDUCTORS
3/3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
ICEO
Collector Cutoff Current
-VCE=50 V, IB=0V
-
-
-1
mA
ICBO
Collector Cutoff Current
-VCB=100 V, IE=0V
-
-
-0.5
mA
-VCB=100 V, IE=0V, Tj=150°C
-5
IEBO
Emitter Cutoff Current
-VBE=5 V, IC=0
-
-
-1
mA
VCEO
Collector Emitter
Breakdown Voltage
IC=10 m A, IB=0V
-100
-
-
V
VBE
Base Emitter Voltage (*)
-IC=5 A, -VCE=4 V
-
-
-1.5
V
hFE
DC Current Gain (*)
-IC=0.5 A, -VCE=4 V
40
-
250
-
-IC=5 A, -VCE=4V
15
-
-150
-IC=10 A, -VCE=4V
5
-
-
-VCE(SAT)
Collector-Emitter saturation
Voltage (*)
-IC=5 A, -IB=0.5 A
-
-
1
V
-IC=10A, -IB=2.5 A
-
-
3
-VBE(SAT)
Base-Emitter saturation
Voltage (*)
-IC=10A, -IB=2.5 A
-
-
2.5
fT
Transition frequency
-IC=0.5 A, -VCE=4 V
3
-
-
MHz
(*) Pulse conditions : tp < 300
µs, δ =1.5%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com