Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW84 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BDW84
Description  PNP SILICON DARLINGTONS POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BDW84 Datasheet(HTML) 2 Page - Comset Semiconductor

  BDW84 Datasheet HTML 1Page - Comset Semiconductor BDW84 Datasheet HTML 2Page - Comset Semiconductor BDW84 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PNP BDW84 – BDW84A – BDW84B
BDW84C – BDW84D
23/10/2012
COMSET SEMICONDUCTORS
2 | 3
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO(SUS)
Collector-Emitter
Sustaining Voltage (*)
IC=30 mA
IB=0
BDW84
-45
-
-
V
BDW84A
-60
-
-
BDW84B
-80
-
-
BDW84C
-100
-
-
BDW84D
-120
-
-
ICEO
Collector Cutoff Current
IB=0, VCE=-30 V
BDW84
-
-
-1
mA
IB=0, VCE=-30 V
BDW84A
IB=0, VCE=-40 V
BDW84B
IB=0, VCE=-50 V
BDW84C
IB=0, VCE=-60 V
BDW84D
ICBO
Collector Cutoff Current
IE= 0, VCB=-45 V
BDW84
-
-
-0.5
mA
IE= 0, VCB=-60 V
BDW84A
IE= 0, VCB=-80 V
BDW84B
IE= 0, VCB=-100 V
BDW84C
IE= 0, VCB=-120 V
BDW84D
VCB=-45 V, IE= 0
Tcase = 150°C
BDW84
-
-
-5
VCB=-60 V, IE= 0
Tcase = 150°C
BDW84A
VCB=-80 V, IE= 0
Tcase = 150°C
BDW84B
VCB=-100 V, IE= 0
Tcase = 150°C
BDW84C
VCB=-120 V, IE= 0
Tcase = 150°C
BDW84D
IEBO
Emitter Cutoff Current
VEB=-5.0 V, IC=0
-
-
-2
mA
hFE
DC Current Gain (*)
IC=-6 A , VCE=-3.0 V
750
-
20 K
-
IC=-15 A , VCE=-3.0 V
100
-
-
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC=-6 A , IB=-12 mA
-
-
-2.5
V
IC=-15 A , IB=-150 mA
-
-
-4
VBE(on)
Base-Emitter Voltage (*)
IC=-6 A , IB=-3 A
-
-
-2.5
V
VEC
Parallel Diode Forward
Voltage
IE =-15 A , IE= 0
-
-
-3.5
V
ton
Turn-on time
IC = -10 A,
IB1 =-IB2=-40 mA
RL=3Ω; VBE(off) = 4.2V
Duty Cycle≤2%
-
0.9
-
µs
toff
Turn-off time
-
7
-
(*) Pulse Duration = 300
µs, Duty Cycle <= 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com