Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2CL2FR Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2FR
Description  35kV 100mA HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2FR Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2FR Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
35kV 100mA HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
2CL2FR
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
100
155
125
-40 to +155
Units
kV
mA
Apeak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,IF =100mA
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
2CL2FR
Cathode Mark
25 min.
25 min.
15
o 4.2
o 0.8
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
15
2CL2xx
Type
2CL2FR
2CL2FR
55
50
2.0
10
35
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
HVCA
TM
2CL2FR
=VRRM
R
=VRRM
100
nS


Similar Part No. - 2CL2FR

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FR GETEDZ-2CL2FR Datasheet
516Kb / 2P
High Voltage Silicon Rectifier Diode
logo
DONGGUAN YOU FENG WEI E...
2CL2FR YFWDIODE-2CL2FR Datasheet
375Kb / 2P
Fast recovery high voltage diodes
logo
GETAI ELECTRONICS DEVIC...
2CL2FR GETEDZ-2CL2FR_16 Datasheet
446Kb / 1P
100mA 35Kv 100nS--High voltage silicon rectifier diode
2CL2FR GETEDZ-2CL2FR_17 Datasheet
516Kb / 2P
High Voltage Silicon Rectifier Diode
More results

Similar Description - 2CL2FR

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2F GETEDZ-2CL2F Datasheet
63Kb / 1P
8kV 100mA HIGH VOLTAGE DIODE
2CL2FK GETEDZ-2CL2FK Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
2CL2FL GETEDZ-2CL2FL Datasheet
63Kb / 1P
15kV 100mA HIGH VOLTAGE DIODE
2CL2FM GETEDZ-2CL2FM Datasheet
63Kb / 1P
20kV 100mA HIGH VOLTAGE DIODE
2CL2FP GETEDZ-2CL2FP Datasheet
63Kb / 1P
30kV 100mA HIGH VOLTAGE DIODE
2CL2G GETEDZ-2CL2G Datasheet
63Kb / 1P
10kV 100mA HIGH VOLTAGE DIODE
2CL2J GETEDZ-2CL2J Datasheet
63Kb / 1P
15kV 100mA HIGH VOLTAGE DIODE
JB289 GETEDZ-JB289 Datasheet
66Kb / 1P
35kV 100mA HIGH VOLTAGE DIODE
2CL2FR GETEDZ-2CL2FR_16 Datasheet
446Kb / 1P
100mA 35Kv 100nS--High voltage silicon rectifier diode
JB289 GETEDZ-JB289_16 Datasheet
71Kb / 1P
35kV 100mA HIGH VOLTAGE DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com