Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJE13005 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MJE13005
Description  SILICON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MJE13005 Datasheet(HTML) 2 Page - Comset Semiconductor

  MJE13005 Datasheet HTML 1Page - Comset Semiconductor MJE13005 Datasheet HTML 2Page - Comset Semiconductor MJE13005 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MJE13005
02/10/2012
COMSET SEMICONDUCTORS
2/3
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO
Collector-Emitter
Sustaining Voltage (*)
IC= 10 mA, IB= 0
400
-
-
V
ICBO
Collector- Cutoff Current
VCB = 700 V
IB= 0
TC= 25°C
-
-
1
mA
TC= 100°C
-
-
5
IEBO
Emitter Cutoff Current
VEB= 9 V, IC= 0
-
-
1
mA
VCE(SAT)
Collector-Emitter
saturation Voltage (*)
IC= 1 A, IB= 200 mA
-
-
0.5
V
IC= 2 A
IB= 500 mA
TC= 25°C
-
-
0.6
TC= 100°C
-
-
1
IC= 4 A, IB= 1 A
-
-
1
VBE(SAT)
Base-Emitter Saturation
Voltage (*)
IC= 1 A, IB= 200 mA
-
-
1.2
V
IC= 2 A
IB= 500 mA
TC= 25°C
-
-
1.6
TC= 100°C
-
-
1.5
hFE
Forward Current transfer
ratio (*)
VCE= 5.0 V, IC= 1 A
10
-
60
-
VCE= 5.0 V, IC= 2 A
8
-
40
fT
Transition Frequency
VCE= 10 V, IC= 0.5 A, f= 1 MHz
4
-
-
MHz
COB
Output Capacitance
IE= 0 ; VCB= 10 V ; f= 1 MHz
-
65
-
pF
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%
SWITCHING TIMES.
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
td
Delay Time
VCC= 125 V; IC= 2 A
IB1= -IB2= 400 mA
tp = 25 µs, duty cycle <1%.
-
-
0.1
µs
tr
Rise time
-
-
0.7
ts
Storage Time
-
-
4
tf
Fall Time
-
-
0.9
.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com