Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS40-800 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # MSS40-800
Description  BACK TO BACK SCR MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

MSS40-800 Datasheet(HTML) 2 Page - Comset Semiconductor

  MSS40-800 Datasheet HTML 1Page - Comset Semiconductor MSS40-800 Datasheet HTML 2Page - Comset Semiconductor MSS40-800 Datasheet HTML 3Page - Comset Semiconductor MSS40-800 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MSS40 / MSS50 Series
29/10/2012
COMSET SEMICONDUCTORS
2 | 4
SEMICONDUCTORS
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
MSS40
MSS50
IT(RMS)
RMS on-state current
TC = 80 °C
55
-
A
TC = 85 °C
-
70
ITSM
Non repetitive surge
peak on-state current
tp = 16.7ms
Tj = 25 °C
420
630
A
tp = 20ms
400
600
I
2t
I
2t Value for fusing
tp = 10ms
Tj = 25 °C
800
1800
A
2s
Dl/dt
Critical rate of rise of on-
state current
IG = 2xIGT, tr ≤ 100ns
F = 120Hz
Tj = 125 °C
50
A/µs
IGM
Peak gate current
tp = 20µs
Tj = 125 °C
4
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tj
Operating junction temperature range
-40 to +125
°C
Tstg
Storage junction temperature range
-40 to +150
VRGM
Maximum peak reverse gate voltage
5
V
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
Rth(j-c)
Junction to case (AC)
MSS40
0.6
°C/W
MSS50
0.45



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com