Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVRM4 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRM4
Description  4.0kV 2.0A HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRM4 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRM4 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
4.0kV 2.0A HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
HVRM4
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
2.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRM1
Cathode Mark
27 min.
27 min.
9.0
o 9.0
o 1.2
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HVRMx
Type
HVRM4
HVRM4
6.0
500
50
50
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
150
nS
peak
at 25°C,IF =IF(AV)


Similar Part No. - HVRM4

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVRM4 GETEDZ-HVRM4_17 Datasheet
520Kb / 2P
2.0A 4.0kV -High Voltage High Current Diodes
More results

Similar Description - HVRM4

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
RL208 WTE-RL208 Datasheet
45Kb / 4P
2.0A HIGH VOLTAGE STANDARD DIODE
logo
GETAI ELECTRONICS DEVIC...
BR4F GETEDZ-BR4F Datasheet
68Kb / 1P
4.0kV 0.8A HIGH VOLTAGE DIODES
HVRW4 GETEDZ-HVRW4 Datasheet
71Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODE
ESJA54-04A GETEDZ-ESJA54-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A_16 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
HV10G04 GETEDZ-HV10G04_16 Datasheet
427Kb / 2P
10mA 4.0kV 100nS-HIGH VOLTAGE DIODE
R4000F GETEDZ-R4000F_16 Datasheet
296Kb / 2P
200mA 4.0kV 500nS-HIGH VOLTAGE DIODE
HV200F042CL2FD GETEDZ-HV200F042CL2FD Datasheet
66Kb / 1P
4.0kV 200mA HIGH VOLTAGE DIODE
HVRM4 GETEDZ-HVRM4_17 Datasheet
520Kb / 2P
2.0A 4.0kV -High Voltage High Current Diodes
HV200F04 GETEDZ-HV200F04_17 Datasheet
460Kb / 1P
200mA 4.0kV 100nS-- High Voltage Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com