Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HVRW4 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # HVRW4
Description  4.0kV 1.0A HIGH VOLTAGE DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

HVRW4 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  HVRW4 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mark
4.0kV 1.0A HIGH VOLTAGE DIODE
Maximum Reverse Recovery Time
Trr
at 25°C
HVRW4
Features
High speed switching
High Current
High surge resisitivity for CRT discharge
High reliability design
High Voltage
Applications
Maximum Ratings and Characteristics
Absolute Maximum Ratings
Items
Repetitive Peak Renerse Voltage
Average Output Current
Suege Current
Junction Temperature
Allowable Operation Case Temperature
Symbols
VRRM
IO
IFSM
Tj
Tc
Condition
Ta=25°C,Resistive Load
1.0
155
125
-40 to +155
Units
kV
A
A peak
°C
°C
°C
Electrical Characteristics (Ta=25°C Unless otherwise specified )
Items
Maximum Forward Voltage Drop
Maximum Reverse Current
Symbols
VF
IR1
IR2
Conditions
at 25°C,VR
at 100°C,V
Units
V
uA
uA
Junction Capacitance
Cj
at 25°C,VR
Storage Temperature
Tstg
is high reliability resin molded type high voltage
diode in small size package which is sealed a multilayed
mesa type silicon chip by epoxy resin.
Outline Drawings : mm
HVRW1
Cathode Mark
27 min.
27 min.
9.0
o 9.0
o 1.2
Cathode Mark
Lot No.
GETE ELECTRONICS CO.,LTD
Http://www.getedz.com
E-mail:sales@getedz.com
2012
=0V,f=1MHz
--
HVRWx
Type
HVRW4
HVRW4
6.0
500
50
50
4.0
X light Power supply
Laser
Voltage doubler circuit
Microwave emission power
pF
HVCA
TM
=VRRM
R
=VRRM
150
nS
peak
at 25°C,IF =IF(AV)


Similar Part No. - HVRW4

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
HVRW42 SEI-HVRW42 Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW42BC100M SEI-HVRW42BC100M Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW42BC2G00 SEI-HVRW42BC2G00 Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW42BC30M0 SEI-HVRW42BC30M0 Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
HVRW42BD100M SEI-HVRW42BD100M Datasheet
330Kb / 4P
High Voltage Radial Leaded Plate Resistor
10/22/2020
More results

Similar Description - HVRW4

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
BR4 GETEDZ-BR4 Datasheet
68Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODES
BR4F GETEDZ-BR4F Datasheet
68Kb / 1P
4.0kV 0.8A HIGH VOLTAGE DIODES
HVRM4 GETEDZ-HVRM4 Datasheet
71Kb / 1P
4.0kV 2.0A HIGH VOLTAGE DIODE
ESJA54-04A GETEDZ-ESJA54-04A Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
ESJA58-04A GETEDZ-ESJA58-04A_16 Datasheet
68Kb / 1P
4.0kV 5mA HIGH VOLTAGE DIODES
HV10G04 GETEDZ-HV10G04_16 Datasheet
427Kb / 2P
10mA 4.0kV 100nS-HIGH VOLTAGE DIODE
R4000F GETEDZ-R4000F_16 Datasheet
296Kb / 2P
200mA 4.0kV 500nS-HIGH VOLTAGE DIODE
HV200F042CL2FD GETEDZ-HV200F042CL2FD Datasheet
66Kb / 1P
4.0kV 200mA HIGH VOLTAGE DIODE
BR04-BR4 GETEDZ-BR04-BR4 Datasheet
71Kb / 1P
4.0kV 1.0A HIGH VOLTAGE DIODES
HVRW4 GETEDZ-HVRW4_17 Datasheet
530Kb / 2P
1.0A 4.0kV 150nS -High Voltage High Current Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com