Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP132 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # TIP132
Description  SILICON DARLINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

TIP132 Datasheet(HTML) 2 Page - Comset Semiconductor

  TIP132 Datasheet HTML 1Page - Comset Semiconductor TIP132 Datasheet HTML 2Page - Comset Semiconductor TIP132 Datasheet HTML 3Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NPN TIP130 – 131 – 132
30/10/2012
COMSET SEMICONDUCTORS
2/3
09/11/2012
SEMICONDUCTORS
ELECTRICAL CHARACTERISTICS
TC=25°C unless otherwise noted
Symbol
Ratings
Test Condition(s)
Min
Typ
Max
Unit
VCEO
Collector-Emitter
Breakdown Voltage (*)
IC= 30 mA
IB= 0
TIP130
60
-
-
V
TIP131
80
-
-
TIP132
100
-
-
ICBO
Collector-Emitter sustaining
Current
VCB = VCEO
IE= 0
TIP130
-
-
0.2
mA
TIP131
-
-
0.2
TIP132
-
-
0.2
VCB = VCEO
IE= 0
TC=100°C
TIP130
-
-
1
TIP131
-
-
1
TIP132
-
-
1
ICEO
Collector-Emitter Cutoff
Current
VCE = 30 V
TIP130
-
-
0.5
A
VCE = 40 V
TIP131
-
-
0.5
VCE = 50 V
TIP132
-
-
0.5
IEBO
Emitter Cutoff Current
VEB= 5 V
IC= 0
-
-
5
mA
VCE(SAT)
Collector-Emitter saturation
Voltage (*)
IC= 4A
IB= 16 mA
-
-
2
V
IC= 6 A
IB= 30 mA
-
-
3
VBE
Base-Emitter Voltage (*)
VCE= 4 V
IC= 4 A
-
-
2.5
V
hFE
Forward Current transfer
ratio (*)
VCE= 4 V
IC= 1 A
500
-
-
-
VCE= 4 V
IC= 4 A
1000
-
1500
0
COBO
Output Capacitance
VCB=10 V
IE=0
-
-
200
pF
(*) Pulse Width
≈ 300 µs, Duty Cycle ∠ 2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com