Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG5413 Datasheet(PDF) 10 Page - Analog Devices

Part # ADG5413
Description  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG5413 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG5413 Datasheet HTML 6Page - Analog Devices ADG5413 Datasheet HTML 7Page - Analog Devices ADG5413 Datasheet HTML 8Page - Analog Devices ADG5413 Datasheet HTML 9Page - Analog Devices ADG5413 Datasheet HTML 10Page - Analog Devices ADG5413 Datasheet HTML 11Page - Analog Devices ADG5413 Datasheet HTML 12Page - Analog Devices ADG5413 Datasheet HTML 13Page - Analog Devices ADG5413 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADG5412/ADG5413
Rev. A | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
0
2
4
6
8
10
12
14
16
–20
–15
–10
10
–5
0
5
10
15
20
VS, VD (V)
TA = 25°C
VDD = +9V
VSS = –9V
VDD = +10V
VSS = –10V
VDD = +13.5V
VSS = –13.5V
VDD = +15V
VSS = –15V
VDD = +16.5V
VSS = –16.5V
VDD = +11V
VSS = –11V
Figure 4. RON as a Function of VS, VD (Dual Supply)
0
2
4
6
8
10
12
–25
–20
–15
–10
–5
0
5
10
15
20
25
VS, VD (V)
TA = 25°C
VDD = +18V
VSS = –18V
VDD = +20V
VSS = –20V
VDD = +22V
VSS = –22V
Figure 5. RON as a Function of VS, VD (Dual Supply)
0
5
10
15
20
25
0
2
4
6
8
101214
VS, VD (V)
TA = 25°C
VDD = +9V
VSS = 0V
VDD = +10V
VSS = 0V
VDD = 10.8V
VSS = 0V
VDD = 11V
VSS = 0V
VDD = 13.2V
VSS = 0V
VDD = 12V
VSS = 0V
Figure 6. RON as a Function of VS, VD (Single Supply)
0
2
4
6
8
10
12
0
5
10
15
20
25
30
35
40
45
TA = 25°C
VDD = 32.4V
VSS = 0V
VDD = 36V
VSS = 0V
VDD = 39.6V
VSS = 0V
VS, VD (V)
Figure 7. RON as a Function of VS, VD (Single Supply)
0
2
4
6
8
10
12
14
18
16
–15
–10
–5
0
5
10
15
VS, VD (V)
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
VDD = +15V
VSS = –15V
Figure 8. RON as a Function of VS (VD) for Different Temperatures,
±15 V Dual Supply
0
2
4
6
8
10
12
14
16
–20
–15
–10
–5
0
5
10
15
20
VS, VD (V)
VDD = +20V
VSS = –20V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. RON as a Function of VS (VD) for Different Temperatures,
±20 V Dual Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com