Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG529ATCHIPS Datasheet(PDF) 2 Page - Analog Devices

Part # ADG529ATCHIPS
Description  CMOS Latched 4-/8-Channel Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG529ATCHIPS Datasheet(HTML) 2 Page - Analog Devices

  ADG529ATCHIPS Datasheet HTML 1Page - Analog Devices ADG529ATCHIPS Datasheet HTML 2Page - Analog Devices ADG529ATCHIPS Datasheet HTML 3Page - Analog Devices ADG529ATCHIPS Datasheet HTML 4Page - Analog Devices ADG529ATCHIPS Datasheet HTML 5Page - Analog Devices ADG529ATCHIPS Datasheet HTML 6Page - Analog Devices ADG529ATCHIPS Datasheet HTML 7Page - Analog Devices ADG529ATCHIPS Datasheet HTML 8Page - Analog Devices ADG529ATCHIPS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. B
–2–
ADG528A/ADG529A–SPECIFICATIONS
DUAL SUPPLY
ADG528A
ADG528A
ADG528A
ADG529A
ADG529A
ADG529A
K Version
B Version
T Version
–40
°C to
–40
°C to
–55
°C to
Parameter
+25
°C +85°C
+25
°C +85°C
+25
°C +125°C
Units
Comments
ANALOG SWITCH
Analog Signal Range
VSS
VSS
VSS
VSS
VSS
VSS
V min
VDD
VDD
VDD
VDD
VDD
VDD
V max
RON
280
280
280
Ω typ
–10 V
≤ V
S
≤ +10 V, I
DS = 1 mA;
Test Circuit 1
450
600
450
600
450
600
Ω max
300
400
300
400
Ω max
VDD = 15 V (
±10%), V
SS = –15 V (
±10%)
300
400
Ω max
VDD = 15 V (
±5%), V
SS = –15 V (
±5%)
RON Drift
0.6
0.6
0.6
%/
°C typ –10 V ≤ V
S
≤ +10 V, I
DS = 1 mA
RON Match
5
5
5
% typ
–10 V
≤ V
S
≤ +10 V, I
DS = 1 mA
IS (OFF), Off Input
Leakage
0.02
0.02
0.02
nA typ
V1 =
±10 V, V2 = 10 V; Test Circuit 2
150
1
50
150
nA max
ID (OFF), Off Input
Leakage
0.04
0.04
0.04
nA typ
V1 =
±10 V, V2 = 10 V; Test Circuit 3
ADG528A
1
100
1
100
1
100
nA max
ADG529A
1
50
1
50
1
50
nA max
ID (ON), On Channel
Leakage
0.04
0.04
0.04
nA typ
V1 =
±10 V, V2 = 10 V; Test Circuit 4
ADG528A
1
100
1
100
1
100
nA max
ADG529A
1
50
1
50
1
50
nA max
IDIFF, Differential Off
Output Leakage
(ADG529A only)
25
25
25
nA max
V1 =
±10 V, V2 = 10 V; Test Circuit 5
DIGITAL CONTROL
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINL or IINH
11
1
µA max V
IN = 0 to VDD
CIN Digital Input
Capacitance
8
8
8
pF max
DYNAMIC CHARACTERISTICS
1
tTRANSITION
200
200
200
ns typ
V1 =
±10 V, V2 = 10 V; Test Circuit 6
300
400
300
400
300
400
ns max
tOPEN
50
50
50
ns typ
Test Circuit 7
25
10
25
10
25
10
ns min
tON (EN, WR)
200
200
200
ns typ
Test Circuits 8 and 9
300
400
300
400
300
400
ns max
tOFF (EN, RS)
200
200
200
ns typ
Test Circuits 8 and 10
300
400
300
400
300
400
ns max
tW Write Pulse Width
100
120
100
120
100
130
ns min
See Figure 1
tS Address,
Enable Setup Time
100
100
100
ns min
See Figure 1
tH, Address,
Enable Hold Time
10
10
10
ns min
See Figure 1
tRS Reset Pulse Width
100
100
100
ns min
See Figure 2
OFF Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1 k
Ω, C
L = 15 pF,
50
50
50
dB min
VS = 7 V rms, f = 100 kHz
CS (OFF)
5
5
5
pF typ
VEN = 0.8 V
CD (OFF)
ADG528A
22
22
22
pF typ
VEN = 0.8 V
ADG529A
11
11
11
pF typ
QINJ, Charge Injection
4
4
4
pC typ
RS = 0
Ω, V
S = 0 V; Test Circuit 11
(VDD = +10.8 V to +16.5 V, VSS = –10.8 V to –16.5 V, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com