Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM25SNM Datasheet(PDF) 42 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 42 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 38Page - ITT Industries DBM25SNM Datasheet HTML 39Page - ITT Industries DBM25SNM Datasheet HTML 40Page - ITT Industries DBM25SNM Datasheet HTML 41Page - ITT Industries DBM25SNM Datasheet HTML 42Page - ITT Industries DBM25SNM Datasheet HTML 43Page - ITT Industries DBM25SNM Datasheet HTML 44Page - ITT Industries DBM25SNM Datasheet HTML 45Page - ITT Industries DBM25SNM Datasheet HTML 46Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
41
D Subminiature
D*W
Discrete Wire IDC Contacts
Contacts
Contact Types
1
2
3
Pin
330-8753-101
330-8753-102
330-8753-103
Socket
330-8754-101
330-8754-102
330-8754-103
Solid Cable
Wire Size
28 AWG
30 AWG
22 AWG
24 AWG
26 AWG
20 AWG
22 AWG
Section mm2
0.08
0.05
0.34
0.22
0.12
0.60
0.34
Internal dia. mm max
0.32
0.26
0.62
0.51
0.40
0.88
0.62
External dia. mm max
1.30
1.20
1.45
1.45
1.40
1.45
1.45
Stranded Cable
Wire Size
28 AWG
30 AWG
22 AWG
24 AWG
26 AWG
20 AWG
22 AWG
Section mm2
0.09
0.05
0.34
0.22
0.12
0.60
0.34
Composition
7 x 0.13
7 x 0.10
7 x 0.25
7 x 0.20
7 x 0.15
19 x 0.20
7 x 0.25
Internal cable dia. mm max
0.40
0.30
0.75
0.60
0.45
0.97
0.75
External wire dia. mm max
1.30
1.20
1.45
1.45
1.40
1.45
1.45
Insulation Displacement Connection Concept
Tooling
Extraction Tool
Hand Crimp Tool
Row by Row Pneumatic Press
Part Number
DW115394
Part Number
Standard Tool: DW115394-1
Automatic Tool: DW115394-2
Tool Support: DW115394-20
Part Number
DW115394-501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com