Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBM25SNM Datasheet(PDF) 147 Page - ITT Industries

Part # DBM25SNM
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DBM25SNM Datasheet(HTML) 147 Page - ITT Industries

Back Button DBM25SNM Datasheet HTML 143Page - ITT Industries DBM25SNM Datasheet HTML 144Page - ITT Industries DBM25SNM Datasheet HTML 145Page - ITT Industries DBM25SNM Datasheet HTML 146Page - ITT Industries DBM25SNM Datasheet HTML 147Page - ITT Industries DBM25SNM Datasheet HTML 148Page - ITT Industries DBM25SNM Datasheet HTML 149Page - ITT Industries DBM25SNM Datasheet HTML 150Page - ITT Industries DBM25SNM Datasheet HTML 151Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
146
D Subminiature
Military/High Reliability
Coaxial 90
° PCB (Sizes DE-DC)
75 Ohm Part Numbers* with Bracket and Rivnut #4-40 UNC
Shell Size
Layout
Part Number
Without Screw Locks
Without Boardlocks
Part Number
Without Screw Locks
With Boardlocks
Part Number
With Screw Locks
Without Boardlocks
Part Number
With Screw Locks
With Boardlocks
DE
5W1
DEMMP5C1PJ
DEMMC5C1PJ
DEMMD5C1PJ
DEMMG5C1PJ
DA
7W2
DAMMP7C2PJ
DAMMC7C2PJ
DAMMD7C2PJ
DAMMG7C2PJ
DA
11W1
DAMMP11C1PJ
DAMMC11C1PJ
DAMMD11C1PJ
DAMMG11C1PJ
DA
3W3
DAMMP3C3PJ
DAMMC3C3PJ
DAMMD3C3PJ
DAMMG3C3PJ
DA
3WK3
DAMMP3CK3PJTM
DAMMC3CK3PJTM
DAMMD3CK3PJTM
DAMMG3CK3PJTM
DB
5W5
DBMMP5C5PJ
DBMMC5C5PJ
DBMMD5C5PJ
DBMMG5C5PJ
DB
9W4
DBMMP9C4PJ
DBMMC9C4PJ
DBMMD9C4PJ
DBMMG9C4PJ
DB
13W3
DBMMP13C3PJ
DBMMC13C3PJ
DBMMD13C3PJ
DBMMG13C3PJ
DB
17W2
DBMMP17C2PJ
DBMMC17C2PJ
DBMMD17C2PJ
DBMMG17C2PJ
DB
21W1
DBMMP21C1PJ
DBMMC21C1PJ
DBMMD21C1PJ
DBMMG21C1PJ
DC
8W8
DCMMP8C8PJ
DCMMC8C8PJ
DCMMD8C8PJ
DCMMG8C8PJ
DC
13W6
DCMMP13C6PJ
DCMMC13C6PJ
DCMMD13C6PJ
DCMMG13C6PJ
DC
17W5
DCMMP17C5PJ
DCMMC17C5PJ
DCMMD17C5PJ
DCMMG17C5PJ
DC
21WA4
DCMMP21CA4PJ
DCMMC21CA4PJ
DCMMD21CA4PJ
DCMMG21CA4PJ
DC
25W3
DCMMP25C3PJ
DCMMC25C3PJ
DCMMD25C3PJ
DCMMG25C3PJ
DC
27W2
DCMMP27C2PJ
DCMMC27C2PJ
DCMMD27C2PJ
DCMMG27C2PJ
Notes: *For 50 Ohm Coaxial substitute X for C. Example: DEMMP5X1PJ
For DD shell size, see page 148.
Keyed
Plug
Reader’s Resource
For contact cavity arrangements,
see page 222.
For P.C. hole patterns, see pages 228-229.
For panel cutouts, see page 221.
For hardware views (Standard), see page 226.
For alternate bracket configuration (when
connectors are supplied without boardlocks),
see page 226.
For alternate 50 Ohm coaxial configuration,
see page 225.
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,13 (.005)
C
±0,13 (.005)
D
±0,13 (.005)
E
±0,38 (.015)
F
±0,25 (.010)
W
±0,368 (.0145)
W
±0,41 (.016)
L
±0,25 (.010)
DE
30,81 (1.213)
16,92 (.666)
24,99 (.984)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DA
39,14 (1.541)
25,25 (.994)
33,32 (1.312)
8,36 (.329)
12,55 (.494)
10,72 (.422)
6,693 (.2635)
—
0,76 (.030)
DB
53,04 (2.088)
38,96 (1.534)
47,04 (1.852)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
DC
69,32 (2.729)
55,42 (2.182)
63,50 (2.500)
8,36 (.329)
12,55 (.494)
10,82 (.426)
—
6,84 (.269)
0,99 (.039)
Engaging Face
Screw lock, boardlock, and signal contacts
removed for clarity
Screw lock, boardlock, and coaxial contact
removed for clarity
0,82
(.032)
2,92
(.115)
Ø 0,76
(.030)
A
B
C
E
10
°
BOARDLOCK
D
SCREW LOCK
#4-40 UNC
12,34
(.486) 8,64
(.340)
RIVNUT
#4-40 UNC
6,50
± 0,25
(.256
± .010)
BRACKET,
METAL
3,89 (.153)
MIN
0,56
(.023)
Ø 0,51
(.020)
2,54
(.100)
11,94
± 0,33
(.470
± .013)
L
7,18
± 0,25
(.283
± .010)
4,33
± 0,38
(.170
± .015)
F
W
2,84
(.112)
Note:
Dimension varies with alternate bracket configuration, see Reader’s Resource page 226.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com