Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM53745-70 Datasheet(PDF) 29 Page - ITT Industries

Part # DM53745-70
Description  D Subminiature Connectors
PDF  301 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

DM53745-70 Datasheet(HTML) 29 Page - ITT Industries

Back Button DM53745-70 Datasheet HTML 25Page - ITT Industries DM53745-70 Datasheet HTML 26Page - ITT Industries DM53745-70 Datasheet HTML 27Page - ITT Industries DM53745-70 Datasheet HTML 28Page - ITT Industries DM53745-70 Datasheet HTML 29Page - ITT Industries DM53745-70 Datasheet HTML 30Page - ITT Industries DM53745-70 Datasheet HTML 31Page - ITT Industries DM53745-70 Datasheet HTML 32Page - ITT Industries DM53745-70 Datasheet HTML 33Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 301 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
28
D Subminiature
ZD*
90
° Solder Termination (Stamped) — European Footprint 10,2 mm
Part Numbers
Shell Size
Layout
Plastic Bracket,
Integrated Grounding
Strap, Boardlock,
Threaded Insert
#4-40 UNC
Plastic Bracket,
Integrated Grounding
Strap, Boardlock,
Screw Lock
#4-40 UNC
DE
9
ZDEL9P-1AKN-146
ZDE9P-1AKN-146
DA
15
ZDAL15P-1AKN-146
ZDA15P-1AKN-146
DB
25
ZDBL25P-1AKN-146
ZDB25P-1AKN-146
DC
37
ZDCL37P-1AKN-146
ZDC37P-1AKN-146
Note: For contacts with 30 microinches gold add -A191. Example: ZDEL9P-1AKN-A191-146
Dimensions
Shell Size
A
±0,38 (.015)
B
±0,25 (.010)
C
±0,13 (.005)
DE
30,89 (1.216)
16,92 (.666)
24,99 (.984)
DA
39,09 (1.539)
25,25 (.994)
33,32 (1.312)
DB
53,09 (2.090)
38,96 (1.534)
47,04 (1.852)
DC
69,40 (2.732)
55,42 (2.182)
63,50 (2.500)
Plug
Selection Guide
For Product Features, Specifications,
Materials and Finishes, see pages 14-15.
Reader’s Resource
For contact cavity arrangements,
see page 224.
For P.C. hole patterns, see page 273.
For panel cutouts, see page 221.
For hardware views (European),
see page 227.
A
C
B
10
°
2X GROUNDING HOOK
12,93 - 12,17
(.509 - .479)
8,61 - 8,11
(.339 - .319)
1,00 (.039)
2X SCREW LOCK
#4-40 UNC
9,77 - 9,27
(.387 - .365)
Engaging Face



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com