Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD32CA-CU Datasheet(PDF) 8 Page - ATMEL Corporation

Part # ATSAM4SD32CA-CU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD32CA-CU Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button ATSAM4SD32CA-CU Datasheet HTML 4Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 5Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 6Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 7Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 8Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 9Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 10Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 11Page - ATMEL Corporation ATSAM4SD32CA-CU Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
8
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
3.
Signal Description
Table 3-1 gives details on signal names classified by peripheral.
Table 3-1.
Signal Description List
Signal Name
Function
Type
Active
Level
Voltage
reference
Comments
Power Supplies
VDDIO
Peripherals I/O Lines and USB transceiver
Power Supply
Power
1.62V to 3.6V
VDDIN
Voltage Regulator Input, ADC, DAC and
Analog Comparator Power Supply
Power
1.62V to 3.6V(4)
VDDOUT
Voltage Regulator Output
Power
1.2V Output
VDDPLL
Oscillator and PLL Power Supply
Power
1.08 V to 1.32V
VDDCORE
Power the core, the embedded memories
and the peripherals
Power
1.08V to 1.32V
GND
Ground
Ground
Clocks, Oscillators and PLLs
XIN
Main Oscillator Input
Input
VDDIO
Reset State:
- PIO Input
- Internal Pull-up disabled
- Schmitt Trigger enabled(1)
XOUT
Main Oscillator Output
Output
XIN32
Slow Clock Oscillator Input
Input
XOUT32
Slow Clock Oscillator Output
Output
PCK0 - PCK2
Programmable Clock Output
Output
Reset State:
- PIO Input
- Internal Pull-up enabled
- Schmitt Trigger enabled(1)
Real Time Clock
RTCOUT0
Programmable RTC waveform output
Output
VDDIO
Reset State:
- PIO Input
- Internal Pull-up disabled
- Schmitt Trigger enabled
(1)
RTCOUT1
Programmable RTC waveform output
Output
Serial Wire/JTAG Debug Port - SWJ-DP
TCK/SWCLK
Test Clock/Serial Wire Clock
Input
VDDIO
Reset State:
- SWJ-DP Mode
- Internal pull-up disabled(5)
- Schmitt Trigger enabled(1)
TDI
Test Data In
Input
TDO/TRACESWO
Test Data Out / Trace Asynchronous Data
Out
Output
TMS/SWDIO
Test Mode Select /Serial Wire Input/Output
Input / I/O
JTAGSEL
JTAG Selection
Input
High
Permanent Internal
pull-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com