Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4SD32BA-MU Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATSAM4SD32BA-MU
Description  Scalable Performance and Memory Density, Power Efficiency
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4SD32BA-MU Datasheet(HTML) 1 Page - ATMEL Corporation

  ATSAM4SD32BA-MU Datasheet HTML 1Page - ATMEL Corporation ATSAM4SD32BA-MU Datasheet HTML 2Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Atmel SAM4S Series
Scalable Performance and
Memory Density, Power Efficiency
Based on the powerful ARM® Cortex™-M4 processor, the Atmel® SAM4S series extends the Atmel Cortex-M portfolio to offer:
•
Increased performance and power efficiency
•
Higher memory densities up to 2MB of Flash and 160KB of SRAM
•
And a rich peripheral set for connectivity, system control and analog interfacing.
Devices are pin-to-pin and software compatible with current SAM3 Cortex-M3-based MCUs, offering a smooth upwards
migration path for performance and memory size.
Key Features
•
Improved Performance Level — Built around the ARM Cortex-M4 processor, the SAM4S operates at 120MHz and
integrates Atmel’s Flash read accelerator and optional cache memory to increase system performance. The SAM4S
features a multi-layer bus matrix, multi-channel direct memory access (DMA) and distributed memory to support high
data rate communication.
•
Low Power Consumption — The SAM4S series achieves 200µA/MHz in dynamic mode at a low operating frequency;
30mA at 120MHz; and 1µA at 1.8V in back-up mode with the real-time clock (RTC) running. Offering some of the best
power consumption/performance rates on the market for standby mode, the SAM4S series reaches 120MHz operating
frequency with a RAM retention mode below 25µA.
•
Safety and Security — Integrated best-in-class hardware code protection:
•
Prevents access to on-chip memory to protect your intellectual property (IP).
•
Supports secure device reconditioning (chip erase) for reprogramming.
•
A unique 128-bit ID and scrambled external bus interface ensure software confidentiality while the hardware CRC
checks memory integrity.
•
Atmel QTouch Capacitive Touch Support — The SAM4S series is touch-ready, offering native support for Atmel’s
market-leading QTouch® technology so you can easily implement buttons, sliders and wheels in your application.
•
Ease of Use — Accelerate your development cycle with Atmel Studio 6, a seamless, easy-to-use integrated
development environment (IDE). Get a jump-start on your design with dedicated evaluation kits and software packages.
For rapid evaluation and code development, Atmel and industry-leading third parties provide a full range of development
tools, real-time operating system (RTOS), middleware and support services to reduce time to market.
Application Areas
•
Consumer goods and toys
•
Industrial control
•
Metering
•
Medical
•
Test and measurement
•
802.15.4 wireless networking
•
PC, cell phone, gaming peripherals


Similar Part No. - ATSAM4SD32BA-MU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATSAM4SD32BA-MU ATMEL-ATSAM4SD32BA-MU Datasheet
638Kb / 67P
ARM-based Flash MCU
More results

Similar Description - ATSAM4SD32BA-MU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8025 ETC-QL8025 Datasheet
739Kb / 49P
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
logo
Cooper Bussmann, Inc.
DR73-R33-R COOPER-DR73-R33-R Datasheet
298Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
logo
STMicroelectronics
STM32F103VET6 STMICROELECTRONICS-STM32F103VET6 Datasheet
1Mb / 130P
High-density performance line
19-Apr-2011
logo
Cooper Bussmann, Inc.
DRA73 COOPER-DRA73 Datasheet
396Kb / 8P
High Power Density, High Efficiency, Shielded Inductors
DR127-100-R COOPER-DR127-100-R Datasheet
304Kb / 7P
High Power Density, High Efficiency, Shielded Inductors
logo
List of Unclassifed Man...
DR74-101 ETC2-DR74-101 Datasheet
299Kb / 6P
High Power Density, High Efficiency, Shielded Inductors
DR127-2R2 ETC2-DR127-2R2 Datasheet
1Mb / 11P
High power density, high efficiency, shielded inductors
logo
Bel Fuse Inc.
ABC600-1012G BEL-ABC600-1012G Datasheet
1Mb / 11P
The high efficiency and high power density of the ABC family ensures
logo
TEKTRONIX, INC.
DPO70000SX TEKTRONIX-DPO70000SX Datasheet
8Mb / 50P
Scalable Performance Oscilloscopes
logo
Sciosense B.V.
ENS21X SCIOSENSE-ENS21X Datasheet
3Mb / 2P
Scalable Family of High-Performance Digital Temperature and Humidity Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com