Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4S16BA-MU Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATSAM4S16BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S16BA-MU Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATSAM4S16BA-MU Datasheet HTML 35Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 36Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 37Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 38Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 39Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 40Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 41Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 42Page - ATMEL Corporation ATSAM4S16BA-MU Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
39
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Setting the GPNVM Bit 2 selects bank 1, clearing it selects the boot from bank 0. Asserting
ERASE clears the GPNVM Bit 2 and thus selects the boot from bank 0 by default.
9.2
External Memories
The SAM4S features one External Bus Interface to provide an interface to a wide range of exter-
nal memories and to any parallel peripheral.
9.2.1
Static Memory Controller
• 16-Mbyte Address Space per Chip Select
• 8- bit Data Bus
• Word, Halfword, Byte Transfers
• Programmable Setup, Pulse And Hold Time for Read Signals per Chip Select
• Programmable Setup, Pulse And Hold Time for Write Signals per Chip Select
• Programmable Data Float Time per Chip Select
• External Wait Request
• Automatic Switch to Slow Clock Mode
• Asynchronous Read in Page Mode Supported: Page Size Ranges from 4 to 32 Bytes
• NAND Flash additional logic supporting NAND Flash with Multiplexed Data/Address buses
• Hardware Configurable number of chip selects from 1 to 4
• Programmable timing on a per chip select basis
10. System Controller
The System Controller is a set of peripherals which allows handling of key elements of the sys-
tem, such as power, resets, clocks, time, interrupts, watchdog, etc...
See the system controller block diagram in Figure 10-1 on page 40.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com