Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATSAM4S8BA-MU Datasheet(PDF) 27 Page - ATMEL Corporation

Part # ATSAM4S8BA-MU
Description  ARM-based Flash MCU
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAM4S8BA-MU Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button ATSAM4S8BA-MU Datasheet HTML 23Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 24Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 25Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 26Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 27Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 28Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 29Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 30Page - ATMEL Corporation ATSAM4S8BA-MU Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
27
11100BS–ATARM–31-Jul-12
SAM4S Series [Preliminary]
Notes:
1. If PB12 is used as PIO input in user applications, a low level must be ensured at startup to prevent Flash erase before the
user application sets PB12 into PIO mode,
2. In the product Datasheet refer to: “Slow Clock Generator” of the “Supply Controller” section.
3. In the product Datasheet refer to: “3 to 20 MHZ Crystal Oscillator” information in the “PMC” section.
6.2.1
Serial Wire JTAG Debug Port (SWJ-DP) Pins
The SWJ-DP pins are TCK/SWCLK, TMS/SWDIO, TDO/SWO, TDI and commonly provided on
a standard 20-pin JTAG connector defined by ARM. For more details about voltage reference
and reset state, refer to Table 3-1 on page 8.
At startup, SWJ-DP pins are configured in SWJ-DP mode to allow connection with debugging
probe. Please refer to the “Debug and Test” Section of the product datasheet.
SWJ-DP pins can be used as standard I/Os to provide users more general input/output pins
when the debug port is not needed in the end application. Mode selection between SWJ-DP
mode (System IO mode) and general IO mode is performed through the AHB Matrix Special
Function Registers (MATRIX_SFR). Configuration of the pad for pull-up, triggers, debouncing
and glitch filters is possible regardless of the mode.
The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level. It
integrates a permanent pull-down resistor of about 15 k
Ω to GND, so that it can be left uncon-
nected for normal operations.
By default, the JTAG Debug Port is active. If the debugger host wants to switch to the Serial
Wire Debug Port, it must provide a dedicated JTAG sequence on TMS/SWDIO and
TCK/SWCLK which disables the JTAG-DP and enables the SW-DP. When the Serial Wire
Debug Port is active, TDO/TRACESWO can be used for trace.
The asynchronous TRACE output (TRACESWO) is multiplexed with TDO. So the asynchronous
trace can only be used with SW-DP, not JTAG-DP. For more information about SW-DP and
JTAG-DP switching, please refer to the “Debug and Test” Section.
Table 6-1.
System I/O Configuration Pin List.
SYSTEM_IO
bit number
Default function
after reset
Other function
Constraints for
normal start
Configuration
12
ERASE
PB12
Low Level at startup(1)
In Matrix User Interface Registers
(Refer to the System I/O
Configuration Register in the “Bus
Matrix” section of the datasheet.)
10
DDM
PB10
-
11
DDP
PB11
-
7
TCK/SWCLK
PB7
-
6
TMS/SWDIO
PB6
-
5
TDO/TRACESWO
PB5
-
4
TDI
PB4
-
-
PA7
XIN32
-
See footnote
(2) below
-
PA8
XOUT32
-
-
PB9
XIN
-
See footnote
(3) below
-
PB8
XOUT
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com