Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W78C58F-16 Datasheet(PDF) 19 Page - Winbond

Part # W78C58F-16
Description  8-BIT MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78C58F-16 Datasheet(HTML) 19 Page - Winbond

Back Button W78C58F-16 Datasheet HTML 14Page - Winbond W78C58F-16 Datasheet HTML 15Page - Winbond W78C58F-16 Datasheet HTML 16Page - Winbond W78C58F-16 Datasheet HTML 17Page - Winbond W78C58F-16 Datasheet HTML 18Page - Winbond W78C58F-16 Datasheet HTML 19Page - Winbond W78C58F-16 Datasheet HTML 20Page - Winbond W78C58F-16 Datasheet HTML 21Page - Winbond W78C58F-16 Datasheet HTML 22Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
W78C58
Publication Release Date: December 1997
- 19 -
Revision A5
Application Circuits, continued
Expanded External Data Memory and Oscillator
10u
8.2K
VCC
OSCILLATOR
VCC
EA
35
X1
21
X2
20
RESET
10
INT0
14
INT1
15
T0
16
T1
17
P1.0
9
P1.1
2
P1.2
3
P1.3
4
P1.4
5
P1.5
6
P1.6
7
P1.7
8
P0.0
43
P0.1
38
P0.2
37
P0.3
36
P0.4
42
P0.5
41
P0.6
40
P0.7
39
P2.0
29
P2.1
30
P2.2
31
P2.3
24
P2.4
25
P2.5
26
P2.6
27
P2.7
28
RD
19
WR
18
PSEN
32
ALE
33
TXD
13
RXD
11
W78C58
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
A0
A1
A2
A3
A4
A5
A6
A7
D0
Q0
2
D1
Q1
5
D2
Q2
6
D3
Q3
9
D4
Q4
12
D5
Q5
15
D6
Q6
16
D7
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
3
4
7
8
13
14
17
18
Q7
19
OC
1
G
11
74LS373
A0
A1
A2
A3
A4
A5
A6
A7
10
9
8
7
6
5
4
3
A0
A1
A2
A3
A4
A5
A6
A7
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
11
12
13
15
16
17
18
19
D0
D1
D2
D3
D4
D5
D6
D7
A8
A9
A10
A11
A12
A13
A14
25
24
21
23
26
1
20
2
A8
A9
A10
A11
A12
A13
A14
CE
GND
A8
A9
A10
A11
A12
A13
A14
GND
22
27
OE
WR
20256
Figure B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com