Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RWD_QT Datasheet(PDF) 15 Page - rfsolutions.ltd

Part # RWD_QT
Description  The MicroRWD ?쏲T??(Quad-Tag) version is a complete 125kHz reader solution for Hitag 1,
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RWD_QT Datasheet(HTML) 15 Page - rfsolutions.ltd

Back Button RWD_QT Datasheet HTML 11Page - rfsolutions.ltd RWD_QT Datasheet HTML 12Page - rfsolutions.ltd RWD_QT Datasheet HTML 13Page - rfsolutions.ltd RWD_QT Datasheet HTML 14Page - rfsolutions.ltd RWD_QT Datasheet HTML 15Page - rfsolutions.ltd RWD_QT Datasheet HTML 16Page - rfsolutions.ltd RWD_QT Datasheet HTML 17Page - rfsolutions.ltd RWD_QT Datasheet HTML 18Page - rfsolutions.ltd RWD_QT Datasheet HTML 19Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
ib technology
15
Card UID
Command to return card status and UID (Unique Identifier or Serial number).
The acknowledge byte flags indicate general Tag status.
B7
B0
Command:
0 1 0 1 0 1 0 1
(ASCII “U”, 0x55)
Acknowledge:
1 1 F F F F F X
(F = Status flags)
Data only follows if card was selected OK with no errors detected.
Reply1:
D D D D D D D D
(D =MS Byte of UID/Serial number from card)
Reply2:
D D D D D D D D
Reply3:
D D D D D D D D
Reply4:
D D D D D D D D
(D =LS Byte of UID/Serial number from card)
Note that the CARD UID command works independently of the PASSWORD mode.
The PASSWORD authentication only occurs for READ/WRITE operations.
Hitag 2 Memory Map (PASSWORD mode)
The memory of the Hitag 2 transponder consists of 256 bits of very low power EEPROM
memory which is organised into 8 pages of 32 bits (4 bytes) each.
Page No.
Content (32 bit words/ 4 bytes)
0
Serial number
1
Password RWD
(Default = “MIKR” = 4D 49 4B 52 hex)
2
Reserved
3
8 bit Configuration, 24 bit Password TAG (Default = 06 AA 48 54 hex)
4
Read/Write page
5
Read/Write page
6
Read/Write page
7
Read/Write page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com