Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2302 Datasheet(PDF) 2 Page - Unitpower Technology Limited

Part # US2302
Description  N-Ch 20V Fast Switching MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2302 Datasheet(HTML) 2 Page - Unitpower Technology Limited

  US2302 Datasheet HTML 1Page - Unitpower Technology Limited US2302 Datasheet HTML 2Page - Unitpower Technology Limited US2302 Datasheet HTML 3Page - Unitpower Technology Limited US2302 Datasheet HTML 4Page - Unitpower Technology Limited US2302 Datasheet HTML 5Page - Unitpower Technology Limited US2302 Datasheet HTML 6Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
US2302
N-Ch 20V Fast Switching MOSFETs
Electrical Characteristics (TJ=25
, unless otherwise noted)
US2302
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
STATIC CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, IDS=250
µA
20
-
-
V
VDS=16V, VGS=0V
-
-
1
IDSS
Zero Gate Voltage Drain Current
TJ=85°C
-
-
30
µA
VGS(th)
Gate Threshold Voltage
VDS=VGS, IDS=250
µA
0.5
0.7
1
V
IGSS
Gate Leakage Current
VGS=±10V, VDS=0V
-
-
±10
µA
VGS=4.5V, IDS=3A
-
50
65
VGS=2.5V, IDS=2A
-
65
90
RDS(ON)
a
Drain-Source On-state Resistance
VGS=1.8V, IDS=0.5A
-
120
200
m
Ω
VSD
a
Diode Forward Voltage
ISD=1A, VGS=0V
-
0.7
1.3
V
GATE CHARGE CHARACTERISTICS
b
Qg
Total Gate Charge
-
4.4
6
Qgs
Gate-Source Charge
-
0.5
-
Qgd
Gate-Drain Charge
VDS=10V, VGS=4.5V,
IDS=3A
-
1.6
-
nC
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
DYNAMIC CHARACTERISTICS
b
RG
Gate Resistance
VGS=0V,VDS=0V,F=1MHz
-
5
-
Ω
Ciss
Input Capacitance
-
320
-
Coss
Output Capacitance
-
70
-
Crss
Reverse Transfer Capacitance
VGS=0V,
VDS=10V,
Frequency=1.0MHz
-
50
-
pF
td(ON)
Turn-On Delay Time
-
4
8
tr
Turn-On Rise Time
-
14
26
td(OFF)
Turn-Off Delay Time
-
21
39
tf
Turn-Off Fall Time
VDD=10V, RL=10
Ω,
IDS=1A, VGEN=4.5V,
RG=6
Ω
-
5
10
ns
trr
Reverse Recovery Time
-
15
-
ns
Qrr
Reverse Recovery Charge
ISD=3A, dlSD/dt=100A/
µs
-
6
-
nC
Note a : Pulse test ; pulse width
≤300
µs, duty cycle≤2%.
Note b : Guaranteed by design, not subject to production testing.
US2302



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com