Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

US2421 Datasheet(PDF) 3 Page - Unitpower Technology Limited

Part # US2421
Description  P-Ch 20V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNITPOWER [Unitpower Technology Limited]
Direct Link  http://www.unitpower.cn
Logo UNITPOWER - Unitpower Technology Limited

US2421 Datasheet(HTML) 3 Page - Unitpower Technology Limited

  US2421 Datasheet HTML 1Page - Unitpower Technology Limited US2421 Datasheet HTML 2Page - Unitpower Technology Limited US2421 Datasheet HTML 3Page - Unitpower Technology Limited US2421 Datasheet HTML 4Page - Unitpower Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
P-Ch 20V Fast Switching MOSFETs
30
40
50
60
70
12
34
56
-VGS (V)
ID=-4A
0
2
4
6
8
10
00.2
0.4
0.6
0.8
1
-VSD , Source-to-Drain Voltage (V)
TJ=150℃
TJ=25℃
0.2
0.6
1
1.4
1.8
-50
0
50
100
150
TJ ,Junction Temperature (℃ )
0.2
0.6
1.0
1.4
1.8
-50
0
50
100
150
TJ , Junction Temperature (℃)
Typical Characteristics
Fig.1 Typical Output Characteristics
Fig.2 On-Resistance vs. Gate-Source
Fig.3 Forward Characteristics Of Reverse
Fig.4 Gate-Charge Characteristics
Fig.5 Normalized VGS(th) vs. TJ
Fig.6 Normalized RDSON vs. TJ
US2421



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com