Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6227 Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 3Page - Torex Semiconductor XC6227 Datasheet HTML 4Page - Torex Semiconductor XC6227 Datasheet HTML 5Page - Torex Semiconductor XC6227 Datasheet HTML 6Page - Torex Semiconductor XC6227 Datasheet HTML 7Page - Torex Semiconductor XC6227 Datasheet HTML 8Page - Torex Semiconductor XC6227 Datasheet HTML 9Page - Torex Semiconductor XC6227 Datasheet HTML 10Page - Torex Semiconductor XC6227 Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7/25
XC6227
Series
■
OPERATIONAL EXPLANATION
The voltage divided by two resistors R1 and R2 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFET connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the VOUT
pin is controlled and stabilized by a system of negative feedback. The current limit and short protection operate in relation to
the level of output current. The thermal protection operates in relation to the level of heat generation. The reverse current
protection operates when VOUT voltage is higher than VIN voltage. Further, the IC's internal circuitry can be turned off via the CE
pin's signal.
<Input and Output Capacitors>
The XC6227 needs an output capacitor CL for phase compensation. Values required for the phase compensation are shown
in the chart below. If a loss of the capacitance happens, stable phase compensation may not be obtained. Please ensure to
use a capacitor which does not depend on bias or temperature too much. For a stable power input, please connect an input
capacitor CIN of 1.0μF between the VIN pin and the VSS pin.
OUTPUT VOLTAGE (V)
OUTPUT CAPACITOR VALUE
0.8V~2.05V
CL=6.8μF (MIN.)
2.1V~2.45V
CL=4.7μF (MIN.)
2.5V~5.0V
CL=2.2μF (MIN.)
<Reverse Current Protection>
The XC6227 series includes reverse current protection to prevent the damage as a result of current flow from VOUT pin to the
VIN pin and VSS pin when the power supply is connected to the VOUT pin. When VIN is smaller than VOUT, the reverse current
protection works and suppress the reverse current to 1.5μA (MAX.).
When VIN is smaller than VOUT, the VOUT pin sink current flowing from the VOUT pin to the VSS pin is 2.8μA (TYP.) as the IC
operation current.
Please also note when an external power supply is connected to the VOUT pin, please use it within 6.0V.
<Current Limiter, Short-Circuit Protection>
The XC6227 series integrates an output current limiter and a fold-back short protection for the output pin. When the load
current reaches the current limit level, the fixed current limiter circuit operates and output voltage drops. When the output pin is
short-circuited to the VSS pin, the current is decreased to a level of 55mA (TYP.).
<Thermal Shutdown>
When the junction temperature of the built-in driver transistor reaches the temperature limit level (150℃ TYP.), the thermal
shutdown circuit operates and the driver transistor will be turned OFF. The IC resumes its operation when the thermal
shutdown function is released and the IC’s operation is automatically restored because the junction temperature drops to the
level of 125℃ (TYP.) as the thermal shutdown release voltage.
●
Output Capacitor (CL) Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com