Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4027 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC4027
Description  High-Voltage Switching Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4027 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC4027 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 4Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 5Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 6Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 7Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 8Page - Sanyo Semicon Device 2SC4027 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SA1552/2SC4027
No. 2262-3/10
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V ITR03970
2SC4027
--1.8
--1.6
--1.4
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--1
--2
--4
--5
--3
ITR03969
2SA1552
IB=0mA
--1mA
--2mA
--10mA
--5mA
--20mA
--40mA
--60mA
--80mA
IB=0mA
1mA
2mA
5mA
10mA
20mA
30mA
40mA
50mA
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
012
45
3
hFE -- IC
hFE -- IC
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
Collector Current, IC -- A
Collector Current, IC -- A
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V ITR03972
2SC4027
ITR03971
2SA1552
IB=0mA
--1.0mA
--1.5mA
--0.5mA
--2.0mA
--2.5mA
--3.0mA
--5.0mA
--4.5mA
--4.0mA
--3.5mA
IB=0mA
0.5mA
1.0mA
1.5mA
2.0mA
2.5mA
3.0mA
4.0mA
4.5mA
3.5mA
--1.0
--0.8
--0.6
--0.4
--0.2
0
0
--10
--20
--40
--50
--30
1.0
0.8
0.6
0.4
0.2
0
0
1020
4050
30
Ta=75°C
25°C
--25°C
2SC4027
VCE=5V
ITR03976
100
--0.01
1000
10
7
5
3
2
7
5
3
2
23
5
57
--0.1
72
3
5 7 --1.0
23
2SA1552
VCE= --5V
ITR03975
Ta=75
°C
--25
°C
25
°C
2SC4027
VCE=5V
ITR03974
2SA1552
VCE= --5V
--0.4
--0.8
--1.2
--1.6
0
0
--1.2
--1.0
--0.8
--0.6
--0.4
--0.2
ITR03973
0.4
0.8
1.2
1.6
0
0
1.2
1.0
0.8
0.6
0.4
0.2
100
0.01
1000
10
7
5
3
2
7
5
3
2
23
5
7
0.1
72
3
5
7 1.0
23



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com