Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA2124 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SA2124
Description  High-Current Switching Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SA2124 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SA2124 Datasheet HTML 1Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 2Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 3Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 4Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 5Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 6Page - Sanyo Semicon Device 2SA2124 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
2SA2124
No.7920-1/7
Applicaitons
•
Voltage regulators, relay drivers, lamp drivers, electrical equipment
Features
•
Adoption of MBIT processes
•
Low collector-to-emitter saturation voltage
•
Large current capacity
•
High-speed switching
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
--30
V
Collector-to-Emitter Voltage
VCEO
--30
V
Emitter-to-Base Voltage
VEBO
--6
V
Collector Current
IC
--2
A
Collector Current (Pulse)
ICP
--5
A
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN7920B
O1712 TKIM TC-00002827/80509 TKIM TC-00002048/D2004EA TSIM TB-00000072
SANYO Semiconductors
DATA SHEET
http://www.sanyosemi.com/en/network/
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
SANYO : PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA2124-TD-E
2
3
1
2SA2124 PNPEpitaxialPlanarSiliconTransistor
High-Current Switching Applications


Similar Part No. - 2SA2124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA2124 SANYO-2SA2124 Datasheet
34Kb / 4P
High-Current Switching Applications
2SA2124 SANYO-2SA2124 Datasheet
97Kb / 4P
High-Current Switching Applications
logo
ON Semiconductor
2SA2124 ONSEMI-2SA2124 Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
2SA2124-TD-E ONSEMI-2SA2124-TD-E Datasheet
321Kb / 7P
Bipolar Transistor -30V, -2A, Low VCE(sat), PNP Single PCP
September, 2013
logo
Sanyo Semicon Device
2SA2124 SANYO-2SA2124_09 Datasheet
97Kb / 4P
High-Current Switching Applications
More results

Similar Description - 2SA2124

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com