Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5277A Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC5277A
Description  UHF to S-Band Low-Noise Amplifier OSC Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC5277A Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC5277A Datasheet HTML 1Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 2Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 3Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 4Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 5Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 6Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 7Page - Sanyo Semicon Device 2SC5277A Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2SC5277A
No. A1075-1/8
Features
•
Low-noise
: NF=0.9dB typ (f=1GHz)
: NF=1.4dB typ (f=1.5GHz)
•
High gain
:
⏐S21e⏐2=10dB typ (f=1.5GHz)
•
High cut-off frequency : fT=8GHz typ
•
Low-voltage, low-current operation (VCE=1V, IC=1mA)
: fT=3.5GHz typ
:
⏐S21e⏐2=5.5dB typ (f=1.5GHz)
•
Ultrasmall-sized package permitting applied sets to be made small and slim
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
20
V
Collector-to-Emitter Voltage
VCEO
10
V
Emitter-to-Base Voltage
VEBO
1.5
V
Collector Current
IC
30
mA
Collector Dissipation
PC
100
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7027A-002
Ordering number : ENA1075A
82212 TKIM/O2908AB MSIM TC-00001687
SANYO Semiconductors
DATA SHEET
2SC5277A
NPN Epitaxial Planar Silicon Transistor
UHF to S-Band Low-Noise Amplifier
OSC Applications
http://www.sanyosemi.com/en/network/
3
2
1
Product & Package Information
• Package
: SMCP
• JEITA, JEDEC
: SC-75, SOT-416
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1 : Base
2 : Emitter
3 : Collector
SANYO : SMCP
1.6
0.3
0.1
0.2
0.5 0.5
12
3
2SC5277A-2-TL-E
TL
D


Similar Part No. - 2SC5277A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
logo
ON Semiconductor
2SC5277A ONSEMI-2SC5277A Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
logo
Inchange Semiconductor ...
2SC5277A ISC-2SC5277A Datasheet
269Kb / 3P
Silicon NPN RF Transistor
logo
ON Semiconductor
2SC5277A-2-TL-E ONSEMI-2SC5277A-2-TL-E Datasheet
518Kb / 8P
RF Transistor 10V, 30mA, fT=8GHz, NPN Single SMCP
August, 2013
More results

Similar Description - 2SC5277A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5534 SANYO-2SC5534 Datasheet
44Kb / 5P
UHF to S Band Low-Noise Amplifier, OSC Applications
2SC5540 SANYO-2SC5540 Datasheet
30Kb / 3P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5647 SANYO-2SC5647 Datasheet
36Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5782 SANYO-2SC5782 Datasheet
42Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5245A SANYO-2SC5245A Datasheet
63Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5277A SANYO-2SC5277A Datasheet
62Kb / 6P
UHF to S-Band Low-Noise Amplifier OSC Applications
EC4H07CA SANYO-EC4H07CA Datasheet
64Kb / 7P
UHF to S Band Low-Noise Amplifier and OSC Applications
2SC5646A SANYO-2SC5646A Datasheet
61Kb / 7P
UHF to S-Band Low-Noise Amplifier, OSC Applications
2SC5245A SANYO-2SC5245A_12 Datasheet
458Kb / 8P
UHF to S-Band Low-Noise Amplifier OSC Applications
2SC5646A SANYO-2SC5646A_12 Datasheet
444Kb / 9P
UHF to S-Band Low-Noise Amplifier, OSC Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com