Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC08101CT Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC08101CT
Description  Shaft Slide Actuator Driver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC08101CT Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC08101CT Datasheet HTML 1Page - Sanyo Semicon Device LC08101CT Datasheet HTML 2Page - Sanyo Semicon Device LC08101CT Datasheet HTML 3Page - Sanyo Semicon Device LC08101CT Datasheet HTML 4Page - Sanyo Semicon Device LC08101CT Datasheet HTML 5Page - Sanyo Semicon Device LC08101CT Datasheet HTML 6Page - Sanyo Semicon Device LC08101CT Datasheet HTML 7Page - Sanyo Semicon Device LC08101CT Datasheet HTML 8Page - Sanyo Semicon Device LC08101CT Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LC08101CT
No.A2010-2/20
Allowable Operating Conditions
at Ta = 25
°C, SGND = PGND = 0V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
2.2 to 3.6
V
Input signal voltage
VIN
-0.3 to VCC
V
Corresponding CLK input frequency
Fclk
to 60
MHz
Maximum operating frequency
Ct max
Set STP count
× 512
Times
Electrical Characteristics
at Ta = 25°C, VCC = 2.8V, SGND = PGND = 0V, unless otherwise specified.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Standby mode current drain
ICC0
CLK/SCL/SDA=0V, When ENIN=0
1.0
μA
Operating mode current drain for
driber area
ICC1
Internal oscillator movement SCL/SDA=0,
When ENIN=1
0.65
1.0
mA
High-level input voltage
VIH
2.2V
≤ VCC ≤ 3.3V SCL, SDA
1.4
VCC+0.3
V
Low-level input voltage
VIL
2.2V
≤ VCC ≤ 3.3V SCL, SDA
-0.3
0.3
V
CLK pin high-level input voltage
VIH2
CLK
0.45
×VCC
VCC+0.3
V
CLK pin low-level input voltage
VIL2
CLK
-0.3
0.2
×VCC
V
Internal oscillator dispatch frequency
Fclk
It is calculated by an output wave pattern
0.80
0.95
1.20
MHz
Output constant current
IOC1
IOUT register D3 to D0 = 1010
95
105
115
mA
IOC2
IOUT register D3 to D0 = 0000
190
210
230
mA
Reduced voltage protection detection
voltage
Vres
VCC voltage
1.8
2.0
2.2
V
Output block upper-side on
resistance
RonP
I include a current current sense resistor
1.35
1.545
Ω
Output block lower-side on resistance
RonN
0.4
0.55
Ω
Turn on time
TPLH
With no load *1
0.1
0.25
μS
Turn off time
TPHL
With no load *1
0.03
0.1
μS
*1 : Rising time from 10 to 90% and falling time from 90 to 10% are specified with regard to the OUT pin voltage.
Package Dimensions
unit : mm (typ)
3423
Pd max - Ta
0
0.34
1.0
0.65
0.4
0.6
0.2
—30
90
30
60
0
120
0.8
Specified board : 50
×50×1.6mm3
glass epoxy
Ambient temperature, Ta -
C
SANYO : WLP8(1.57X0.77)
TOP VIEW
SIDE VIEW
SIDE VIEW
BOTTOM VIEW
0.22
LASER MARKED
INDEX
1
2
3
4
1.57
0.185
0.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com