Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SVC276 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # SVC276
Description  FM Receiver Electronic Tuning Applications
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SVC276 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  SVC276 Datasheet HTML 1Page - Sanyo Semicon Device SVC276 Datasheet HTML 2Page - Sanyo Semicon Device SVC276 Datasheet HTML 3Page - Sanyo Semicon Device SVC276 Datasheet HTML 4Page - Sanyo Semicon Device SVC276 Datasheet HTML 5Page - Sanyo Semicon Device SVC276 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SVC276
No.7618-1/6
Features
•
Twin type with a good linearity of C-V characteristic. Excels in large input characteristic
•
Small package permits SVC276-applied sets to be compact and slim
•
High capacitance ratio (VR=2.0 to 8.0V)
•
High Quality Factor
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
16
V
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7019A-002
Ordering number : EN7618B
72512 TKIM/80608VA TIIM TC-00001541/90503 TSIM TA-100655
SANYO Semiconductors
DATA SHEET
SVC276
Diffused Junction Type Silicon Diode
FM Receiver Electronic Tuning Applications
http://semicon.sanyo.com/en/network
Product & Package Information
• Package
: MCPH3
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type : TL
Marking
Electrical Connection
1 : Anode
2 : Anode
3 : Cathode
SANYO : MCPH3
2.0
0.65
0.3
0.15
12
3
0 to 0.02
V3
TL
SVC276-TL-E
1
3
2


Similar Part No. - SVC276

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC276 ONSEMI-SVC276 Datasheet
330Kb / 6P
Monolithic dual Varactor Diode
September, 2013
SVC276-TL-E ONSEMI-SVC276-TL-E Datasheet
330Kb / 6P
Monolithic dual Varactor Diode
September, 2013
More results

Similar Description - SVC276

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SVC231 SANYO-SVC231 Datasheet
30Kb / 4P
FM Receiver Electronic Tuning Applications
SVC226 SANYO-SVC226 Datasheet
17Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272 Datasheet
18Kb / 3P
FM Receiver Electronic Tuning Applications
SVC276 SANYO-SVC276 Datasheet
29Kb / 3P
FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230 Datasheet
20Kb / 3P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_09 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC230 SANYO-SVC230_12 Datasheet
349Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC270 SANYO-SVC270_12 Datasheet
435Kb / 6P
Varactor Diode for FM Receiver Electronic Tuning Applications
SVC272 SANYO-SVC272_12 Datasheet
411Kb / 6P
FM Receiver Electronic Tuning Applications
logo
ON Semiconductor
SVC720 ONSEMI-SVC720 Datasheet
89Kb / 4P
FM Receiver Electronic Tuning Applications
Jan-2011, Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com