Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XVC5002 Datasheet(PDF) 1 Page - RF Monolithics, Inc

Part # XVC5002
Description  122.88 MHz VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc

XVC5002 Datasheet(HTML) 1 Page - RF Monolithics, Inc

  XVC5002 Datasheet HTML 1Page - RF Monolithics, Inc XVC5002 Datasheet HTML 2Page - RF Monolithics, Inc XVC5002 Datasheet HTML 3Page - RF Monolithics, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.RFM.com E-mail: info@rfm.com
Page 1 of 3
©2010 by RF Monolithics, Inc.
XVC5002 - 12/7/10
Electrical Characteristics
Characteristic
Sym
Notes
Minimum
Typical
Maximum
Units
Nominal Frequency
fo
122.88
MHz
Component Storage Temperature
-55
+125
°C
Storage Temperature in Tape and Reel
-40
+85
°C
Operating Temperature Range
-40
+85
°C
Power Supply Voltage
Vdd
2.97
3.30
3.63
V
Load Impedance
50
ohm
Output Logic Low (“0” level)
Vdd - 1.810
Vdd - 1.620
V
Output Logic High (“1” level)
Vdd - 1.025
Vdd - 0.880
V
Duty Cycle Symmetry
45
55
%
Output Rise Time, 20% to 80% Vdd
1.0
ns
Output Fall Time, 80% to 20% Vdd
1.0
ns
Power Supply Current
Idd
80
mA
Control Voltage Input Range
Vcon
1.65 ±1.35
V
Frequency Stability
±50
ppm
Frequency Tuning Range, 1.65 ±1.35 V
1
±50
ppm
Start Up Time
10
ms
Enable Voltage Logic High
0.7 Vdd
-
Enable Voltage Logic Low
0.3 Vdd
-
Phase Jitter, integrated over 12 kHz to 20 MHz
1.0
ps
Standard Shipping Quantity on 180 mm (7”) Reel
1000
units
Lid Symbolization
5002 || YWWS
Case
• Voltage-controlled Crystal Oscillator
• Complementary PECL Output
• Enable/Disable Input
• 7.2 x 5.2 x 1.8 mm Surface-mount Case
• Complies with Directive 2002/95/EC (RoHS)
122.88 MHz
VCXO
XVC5002
CAUTION: Electrostatic Sensitive Device. Observe precautions for handling.
Notes:
1.
Frequency tuning range beyond the initial tolerance at 25
°C, plus drift due to changes in temperature, power supply voltage and aging.
2.
The design, manufacturing process, and specifications of this device are subject to change without notice.
Pb


Similar Part No. - XVC5002

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XVC1B1K SCHNEIDER-XVC1B1K Datasheet
88Kb / 3P
Harmony XVC
Jan 13, 2022
XVC4B1 SCHNEIDER-XVC4B1 Datasheet
83Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
XVC4B15S SCHNEIDER-XVC4B15S Datasheet
88Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm, tube mounting, steady or flashing, with buzzer 70...85 dB, IP23, 100...240 V AC
May 24, 2021
XVC4B1K SCHNEIDER-XVC4B1K Datasheet
112Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red, 40 mm
XVC4B2 SCHNEIDER-XVC4B2 Datasheet
84Kb / 4P
Complete pre wired monolithic tower light, Harmony XVC, red orange, 40 mm, tube mounting, steady, without buzzer, IP23, 24 V AC DC
May 24, 2021
More results

Similar Description - XVC5002

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TX0144A TAI-SAW-TX0144A Datasheet
184Kb / 5P
7.0x5.0 VCXO 24.576 MHz
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
TX0148A TAI-SAW-TX0148A Datasheet
181Kb / 4P
7.0x5.0 VCXO 27 MHz
TX0158A TAI-SAW-TX0158A Datasheet
197Kb / 5P
7.0x5.0 VCXO 35.328 MHz
TX0171A TAI-SAW-TX0171A Datasheet
208Kb / 5P
7.0x5.0 VCXO 100 MHz
TX0172A TAI-SAW-TX0172A Datasheet
208Kb / 5P
7.0x5.0 VCXO 125 MHz
TX0215A TAI-SAW-TX0215A Datasheet
188Kb / 5P
7.0x5.0 36 MHz VCXO
TX0444A TAI-SAW-TX0444A Datasheet
365Kb / 7P
7.0x5.0 VCXO 122.88 MHz
REV. NO.:1.0
TX0460A TAI-SAW-TX0460A Datasheet
350Kb / 7P
7.0x5.0 VCXO 32 MHz
REV. NO.:1
TX0582A TAI-SAW-TX0582A Datasheet
163Kb / 8P
7.0x5.0 VCXO 61.44 MHz
REV. NO.:1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com