Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5LP01SS Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 5LP01SS
Description  General-Purpose Switching Device Applications
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

5LP01SS Datasheet(HTML) 4 Page - Sanyo Semicon Device

  5LP01SS Datasheet HTML 1Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 2Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 3Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 4Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 5Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 6Page - Sanyo Semicon Device 5LP01SS Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
5LP01SS
No.6622-4/7
0
0
0.05
20
40
60
80
0.10
0.15
100
0.20
120
140
160
PD -- Ta
IT02381
Ambient Temperature, Ta --
°C
0
0
--1
--2
0.2
--3
--4
--5
--6
--7
0.6
0.4
--8
--9
1.0
0.8
--10
1.4
1.2
1.6
VGS -- Qg
VDS= --10V
ID= --70mA
0
0.1
1.0
--10
--5
10
7
5
3
2
7
5
3
2
7
5
3
2
--20
--15
--30
--25
100
--40
--35
--50
--45
Ciss, Coss, Crss -- VDS
f=1MHz
IT00100
IT00101
Ciss
Coss
Crss
Drain-to-Source Voltage, VDS -- V
Total Gate Charge, Qg -- nC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com