Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480H Datasheet(PDF) 55 Page - STMicroelectronics

Part # L6480H
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480H Datasheet(HTML) 55 Page - STMicroelectronics

Back Button L6480H Datasheet HTML 51Page - STMicroelectronics L6480H Datasheet HTML 52Page - STMicroelectronics L6480H Datasheet HTML 53Page - STMicroelectronics L6480H Datasheet HTML 54Page - STMicroelectronics L6480H Datasheet HTML 55Page - STMicroelectronics L6480H Datasheet HTML 56Page - STMicroelectronics L6480H Datasheet HTML 57Page - STMicroelectronics L6480H Datasheet HTML 58Page - STMicroelectronics L6480H Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 73 page
background image
L6480
Programming manual
Doc ID 023278 Rev 3
55/73
The OC_SD bit sets if an overcurrent event causes or not the bridges to turn off; the OCD
flag in the status register is forced low anyway:
The VCCVAL bit sets the internal VCC regulator output voltage.
Table 35.
Programmable VCC regulator output voltage
The UVLOVAL bit sets the UVLO protection thresholds.
The EN_VSCOMP bit sets if the motor supply voltage compensation is enabled or not.
The F_PWM_INT bits set the integer division factor of PWM frequency generation.
Table 34.
Overcurrent event
OC_SD
Overcurrent event
1
Bridges shut down
0
Bridges do not shut down
VCCVAL
VCC voltage
0
7.5 V
115 V
Table 36.
Programmable UVLO thresholds
UVLOVAL
VCCthOn
VCCthOff
ΔVBOOTthOn
ΔVBOOTthOff
0
6.9 V
6.3 V
6 V
5.5 V
1
10.4 V
10 V
9.2 V
8.8 V
Table 37.
Motor supply voltage compensation enable
EN_VSCOMP
Motor supply voltage compensation
0
Disabled
1
Enabled
Table 38.
PWM frequency: integer division factor
F_PWM_INT
[2..0]
Integer division factor
000
1
001
2
010
3
011
4
100
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com