Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6480HTR Datasheet(PDF) 61 Page - STMicroelectronics

Part # L6480HTR
Description  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR Datasheet(HTML) 61 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 57Page - STMicroelectronics L6480HTR Datasheet HTML 58Page - STMicroelectronics L6480HTR Datasheet HTML 59Page - STMicroelectronics L6480HTR Datasheet HTML 60Page - STMicroelectronics L6480HTR Datasheet HTML 61Page - STMicroelectronics L6480HTR Datasheet HTML 62Page - STMicroelectronics L6480HTR Datasheet HTML 63Page - STMicroelectronics L6480HTR Datasheet HTML 64Page - STMicroelectronics L6480HTR Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 73 page
background image
L6480
Programming manual
Doc ID 023278 Rev 3
61/73
9.2.1
Command management
The host microcontroller can control motor motion and configure the L6480 through a
complete set of commands.
All commands are composed by a single byte. After the command byte, some bytes of
arguments should be needed (see Figure 21). Argument length can vary from 1 to 3 bytes.
Figure 21.
Command with 3-byte argument
By default, the device returns an all zero response for any received byte, the only exceptions
are GetParam and GetStatus commands. When one of these commands is received, the
following response bytes represent the related register value (see Figure 22). Response
length can vary from 1 to 3 bytes.
Figure 22.
Command with 3-byte response
During response transmission, new commands can be sent. If a command requiring a
response is sent before the previous response is completed, the response transmission is
aborted and the new response is loaded into the output communication buffer (see
Figure 23).
Figure 23.
Command response aborted
When a byte that does not correspond to a command is sent to the IC it is ignored and the
WRONG_CMD flag in the STATUS register is raised (see paragraph Section 9.1.24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com