Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2574BN Datasheet(PDF) 23 Page - ams AG

Part # AS2574BN
Description  20 NUMBER ONE TOUCH DIALLER WITH SERIAL BUS FOR DISPLAY DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2574BN Datasheet(HTML) 23 Page - ams AG

Back Button AS2574BN Datasheet HTML 16Page - ams AG AS2574BN Datasheet HTML 17Page - ams AG AS2574BN Datasheet HTML 18Page - ams AG AS2574BN Datasheet HTML 19Page - ams AG AS2574BN Datasheet HTML 20Page - ams AG AS2574BN Datasheet HTML 21Page - ams AG AS2574BN Datasheet HTML 22Page - ams AG AS2574BN Datasheet HTML 23Page - ams AG AS2574BN Datasheet HTML 24Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
AS2574B
Rev. 1
23
Jan. 1995
PinConfiguration
28 Pin DIP
28 Pin SOIC
28 Pin PLCC
128
14
15
Vdd
TONE
TB
Vss
HS
DP
DT
ER
MT
R1
MR
CD
MASK
LS
OSC2
OSC1
SCL
SDA
C1
C2
C3
C6
C4
C5
R2
R3
R4
R5
128
OSC2
OSC1
SCL
SDA
C1
C2
C3
C6
C4
C5
R2
R3
R4
R5
Vdd
TONE
TB
Vss
HS
DP
DT
ER
MT
R1
MR
CD
MASK
14
15
LS
C1
C2
C3
C6
C4
C5
MR
Vss
HS
DP
DT
ER
MT
R1
OrderingInformation
Part number
Package
AS2574B P
28 pin DIL
AS2574B N
28 pin PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com