Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2534BP Datasheet(PDF) 25 Page - ams AG

Part # AS2534BP
Description  Multi-Standard CMOS Single Chip Telephone IC with Dual Soft Clipping
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2534BP Datasheet(HTML) 25 Page - ams AG

Back Button AS2534BP Datasheet HTML 17Page - ams AG AS2534BP Datasheet HTML 18Page - ams AG AS2534BP Datasheet HTML 19Page - ams AG AS2534BP Datasheet HTML 20Page - ams AG AS2534BP Datasheet HTML 21Page - ams AG AS2534BP Datasheet HTML 22Page - ams AG AS2534BP Datasheet HTML 23Page - ams AG AS2534BP Datasheet HTML 24Page - ams AG AS2534BP Datasheet HTML 25Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
25
Rev. 7
July 1998
Data Sheet
AS2533...6
Pin Configuration
28 Pin SOIC (suffix T)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LS
MFL
RO
VDD
AGND
STB
CI
HS/DP
MO
LLC
MODE
C4
C3
C2
RI
LI
VSS
CS
M2
M1
LED
FCI
R1
OSC
R2
R3
R4
C1
28 Pin DIP (suffix P)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
LS
MFL
RO
VDD
AGND
STB
CI
MO
LLC
HS/DP
OSC
MODE
C4
C3
RI
LI
VSS
CS
M2
M1
LED
FCI
R1
R2
R3
R4
C1
C2
Ordering Information
Device
Package
Memories
Volume
Centrex
Special keys
AS2533 T
28 pin SOIC
4 direct/10 indirect
yes, note 1 A B C D
P/M, LNR, R1-3, MR, RP, PS, T/P
AS2533 P
28 pin DIP
4 direct/10 indirect
yes, note 1 A B C D
P/M, LNR, R1-3, MR, RP, PS, T/P
AS2534B T 28 pin SOIC
none
yes, note 2 A B C D
P/M, LNR, R1-3, RP, PS, T/P
AS2534B P 28 pin DIP
none
yes, note 2 A B C D
P/M, LNR, R1-3, RP, PS, T/P
AS2534E P 28 pin DIP
none
yes, note 2 A B C D
MT, LNR, R1-3, RP, PS, T/P
AS2534E T 28 pin SOIC
none
yes, note 2 A B C D
MT, LNR, R1-3, RP, PS, T/P
AS2535 T
28 pin SOIC
12 direct
yes, note 1 no
P/M, LNR, R1-3
AS2535 P
28 pin DIP
12 direct
yes, note 1 no
P/M, LNR, R1-3
AS2536 T
28 pin SOIC
4 direct/10 indirect
yes, note 2 A B C D
P/M, LNR, R1-3, MR, RP, PS, T/P
AS2536 P
28 pin DIP
4 direct/10 indirect
yes, note 2 A B C D
P/M, LNR, R1-3, MR, RP, PS, T/P
Conditions for delivery as dice see also data sheet AS2533/4B/5/6-CX.
Note 1: volume is reset to default by on-/off-hook and by POR
Note 2: volume is reset by POR only.
Devices sold by Austria Mikro Systeme/Thesys are covered by the warranty and patent idemnification provisions appearing in its Term of Sale. Austria Mikro Systeme/Thesys makes no warranty,
express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the decribed devices from patent infringement. Austria Mikro Systeme reserves
the right to change specifications and prices at any time and without notice. Therefore, prior to designing this product into a system, it is necessary to check with Austria Mikro Systeme for current
information. This product is intended for use in normal commercial applications. Applications requiring extended temperature range, unusual environmental requirements, or high reliability
applications, such as military, medical life-support or life-sustaining equiment are specifically
not recommended without additional processing by Austria Mikro Systeme/Thesys for each application.
Copyright © 1995-8, Austria Mikro Systeme International AG, Schloss Premstätten, 8141 Unterpremstätten, Austria. Trademarks Registered ®. All rights reserved. The material herein may not be
reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner.
The information furnished here by Austria Mikro Systeme/Thesys is believed to be correct and accurate. However, Austria Mikro Systeme/Thesys shall not be liable to recipient or any third party
for any damages, including but not limited to personal injury, property damage, loss of profits, loss of use, interruption of business or indirect, special, incidental or consequential damages, of any
kind, in connection with or arising out of the furnishing, performance or use of the technical data herein. No obligation or liability to recipient or any third party shall arise or flow out of Austria Mikro
Systeme/Thesys‘ rendering of technical or other services.
Application:
For application support contact your local sales offices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com