Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3502 Datasheet(PDF) 23 Page - ams AG

Part # AS3502
Description  13-BIT LINEAR FEATURE CODEC WITH ANALOGUE FRONTEND
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3502 Datasheet(HTML) 23 Page - ams AG

Back Button AS3502 Datasheet HTML 19Page - ams AG AS3502 Datasheet HTML 20Page - ams AG AS3502 Datasheet HTML 21Page - ams AG AS3502 Datasheet HTML 22Page - ams AG AS3502 Datasheet HTML 23Page - ams AG AS3502 Datasheet HTML 24Page - ams AG AS3502 Datasheet HTML 25Page - ams AG AS3502 Datasheet HTML 26Page - ams AG AS3502 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
REV. M
Page 23
September 1998
AS3502
Note 1: This corresponds to a +3.14 dBm0 signal at the PCM output which is equal to a PCM overload level of ±4096;
Analogue Interface with Earpiece Output (-40°C<TA <+70°C, 3.0 V
≤VDD≤4.5 V; RL=150Ω from EP+ to EP-)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
AOUTP
Peak Overload Level
Note 1
RL=150
Ω THD= 2% GR=0 dB
CL=60nF THD = 5% GR=+5 dB
1.12
2.8
Vrms
Vp
AOUT
Nominal Output Level
0 dBm0 PCM Code GR=-15 dB
137.7
mVrms
RL
Load Resistance
EP + to EP-
150
GREP
Earpiece GainRange
GR = AGR + DGR
-18
-15
+6
dB
AGREP
Analogue Gain Range
-12
+6
dB
Analogue Gain Step Size
5.8
6.0
6.2
dB
VOFF
Output Offset Voltage
±
100
mV
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1: This corresponds to a +3.14dBm0 code at the PCM input which is equal to a PCM overload level of ±4096;
Analogue Interface with Speaker Output (-40°C<TA <+70°C, 3.0 V
≤VDD≤4.5 V; RL=50Ω from SPK+ to SPK-)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
AOUTP
Peak Overload Level
Note 1
RL=50
Ω THD= 5%, GRSPK= + 3dB
1570
mVrms
RL
Load Resistance
SPK+ to SPK
50
GRSPK
Speaker Receive Gain Range
GRSPK = AGRSPK + DGR
-3
0
+3
dB
AGRSPK
Speaker Analogue Gain
+3
dB
VOS
Output Offset Voltage
SPK+ to SPK-
±
100
mV
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1: This corresponds to a +3.14dBm0 code at the PCM input which is equal to a PCM overload level of ±4096;
Analogue Interface with Tone Ringer Output (-40°C<TA <+70°C, 3.0 V
≤VDD≤4.5 V)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
Vout
Max. Output Voltage Swing
TRO+ to TRO-
2 x VDD
Vpp
CL
Load Capacitance
TRO+ to TRO-
50
nF
TDR
Output Rise Time
CL = 50nF
100
µs
TDF
Output Fall Time
CL = 50nF
100
µs
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1: See text for volume control
Microphone Reference Voltage Output (-40°C<TA <+70°C, 3.0V
≤VDD≤4.5V)
Symbol
Parameter
Conditions
Min.
Typ.*
Max.
Units
VREF
Reference Voltage
IL = 1 mA; Note 1
2.0
2.2
2.4
V
PSRR
Power Supply RejectionRatio
300 Hz to 3 kHz, 100 mVrms Note 2
55
dB
Output Noise
300 Hz to 3.4kHz, Note 2
100
µ
V
* Typical figures are at 25°C and are for design aid only; not guaranteed and not subject to production testing
Note 1: VREF is turned off in power down mode
Note 2: VREF must be filtered by a suitable RC lowpass filter. A typical setup is using a 500
Ω microphone feeding
resistor and a 22 µF capacitor to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com