Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS8410 Datasheet(PDF) 12 Page - ams AG

Part # AS8410
Description  PWM DC Motor Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS8410 Datasheet(HTML) 12 Page - ams AG

Back Button AS8410 Datasheet HTML 8Page - ams AG AS8410 Datasheet HTML 9Page - ams AG AS8410 Datasheet HTML 10Page - ams AG AS8410 Datasheet HTML 11Page - ams AG AS8410 Datasheet HTML 12Page - ams AG AS8410 Datasheet HTML 13Page - ams AG AS8410 Datasheet HTML 14Page - ams AG AS8410 Datasheet HTML 15Page - ams AG AS8410 Datasheet HTML 16Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
PWM DC Motor Regulator – Data Sheet
AS8410
Rev. 1.0, December 2000
page 12 of 19
4.1 Normal Operating Mode (regulation loop)
The regulation loop of the AS8410 consist of the following functional blocks:
1. Analogue / Digital Interface with signal conditioning (set value input / failure signal
output IN, modus input MODE and low pass filter input Cint2)
2. Regulator characteristic generator
(high resolution of the set value for set
values < 50 % and lower resolution for set values 50 % … 100 %)
3. Difference generator at the pin Cint1 (VCint1 = (set value) – (motor current value) )
4. PWM generator (controlled by the voltage VCint1 and the 20 kHz oscillator)
5. Power FET driver with slew rate regulation controlling the external power FET gate
connected at pin OUT
6. Motor current measurement unit (measuring and converting the voltage over the ex-
ternal resistor Rmeas connected at the pins CMp and CMn)
7. Oscillator (20 kHz) and reference current generator (regulated VOSC = 1 V at pin OSC
with external resistor Rosc = 100 k
Ω )
8. Charge pump with external capacitors at the pins Pump_ctrl and Vpump
9. 5V-regulator with bandgap reference
4.1.1
Analogue / Digital Interface, Signal Conditioning
This interface consists of the three pins MODE, IN and Cint2. The interface sets the operating
mode by the signal MODE, monitors and converts the input set value at the pin IN and drives
the pin IN to the low level in case of a detected failure in operating mode 1.
In operating mode 1 (OM1) the incoming low frequency PWM signal is converted in a dc voltage
by switching a current Icint2 = 10
µA with the incoming duty ratio to the pin Cint2 with R
int2 / Cint2
(typical: 200 k
Ω / 2.2 µF). V
cint2 must be in the range Vcint2 = 0 … 2 V.
The monitor of the set value VCint2 generates two internal logical signal P00 and P10 to treat the
sleep / wake function and the input failure detection in operating mode 1, the hysteresis of these
detections is given in Fig. 4.2.
Symbol
Meaning
Meaning of the level
MODE Operating mode of the AS8410
MODE = high
MODE = low
Ü
Ü
Operating mode 1 (OM1)
Operating mode 2 (OM2)
P00
Detection of the 5 % threshold
value of the set value
P00 = high
P00 = low
Ü
Ü
Set value < 5 %
Set value > 5 %
P10
Detection of the 10 % threshold
value of the set value
P10 = high
P10 = low
Ü
Ü
Set value = 5 % ... 17.5 %)
Set value outside of this range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com