Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASCELL3911 Datasheet(PDF) 12 Page - ams AG

Part # ASCELL3911
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3911 Datasheet(HTML) 12 Page - ams AG

Back Button ASCELL3911 Datasheet HTML 5Page - ams AG ASCELL3911 Datasheet HTML 6Page - ams AG ASCELL3911 Datasheet HTML 7Page - ams AG ASCELL3911 Datasheet HTML 8Page - ams AG ASCELL3911 Datasheet HTML 9Page - ams AG ASCELL3911 Datasheet HTML 10Page - ams AG ASCELL3911 Datasheet HTML 11Page - ams AG ASCELL3911 Datasheet HTML 12Page - ams AG ASCELL3911 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter – Preliminary Data Sheet
ASCell3911
Rev. A, February 2000
Page 12 of 13
Austria Mikro Systeme International AG
Pin
Name
Type
Description
4
RESET /
TEST
O
Power-On-Reset output
Test output in test mode
5
XTAL
A
XTAL oscillator input
6
VDDSYN
P
PLL, mixer positive supply
7
GNDSYN
P
PLL, mixer, negative supply
8
GND
P
Negative supply of DC/DC, POR, LBAT, XOSC, Data Interface, SinCos
9
uC_CLK
O
Clock output for micro-controller
10
WAKEUP
I
Wake-up signal, pos. edge wakes up the chip, negative edge stops transmis-
sion
11
D_CLK
I
Data clock, data is clocked into the chip with negative edge of DCLK
12
D_EN
I
Data enable, high while data is clocked into the chip
13
DATA
I
Data input for 128 bits of FSK data preceeded by 8 control bits
14
VDD
P
Positive supply of DC/DC, POR, LBAT, XOSC, Data Interface, SinCos
4
Application Schematic
DC to 80 kHz
RF_LO = f
R F
f =868.300 MHz
R
F
G. Schultes, ISM868_TX
Revision: 0, 99 07 16
f/64
+/-45°
Protocol
Encoder
Transmit.
Timing
Driving
Amplifier.
90°
Sin / Cos
Generator
Baseband
Filters
Loop-filter
VDDSYN
VDDSYN
GNDSYN
XTAL
Phase Detector
XTAL
Oscillator
Local
Oscillator
Quadrature
Up Converter
WAKEUP
DATA
D_EN
D_CLK
µC_CLK
Reset/Test
DRA
QUC
2*BBF
XTO
VCO
LPF
DIV PHD
SCG
PAGND
RF-
RF+
DVCC
DGND
DVCC
DGND
GNDSYN
Implementation
Example
Figure 6: Basic application schematic of the ASCell3911.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com