Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC210 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DAC210
Description  Serial Digital to Analogue RGB/YUV
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAC210 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DAC210 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
These modules are part of our Series 200 range and are intended for
broadcast quality applications. They offer a high level of features, with
excellent specifications and performance. The conversion is performed
to 10 bit resolution with a choice of either full 601, or near 601 filters
(for single pass applications).
The circuitry on the DAC210 modules contain a unique digital clock regenerator which removes distortion caused by jitter,
giving a cleaner analogue output. This output is switchable between YUV/RGB. The module accepts both 525 or 625 line
standards and can be set to automatically switch between them. For 525 (NTSC) applications there is the option to put
set-up on the analogue signal. The DAC210 modules can also be set to blank to analogue video line length. This is a
shaped blanking and is often needed as the digital line length is longer than the analogue one. There is also the option to
pass or blank the VBI lines.
For Low cost, monitoring applications, we offer the DAC211M. See seperate datasheet.
270Mb/s serial digital to EBU Tech. 3267-E & SMPTE 259M
625 and 525 line standards
Outputs:
Analogue YUV or RGB (selectable), 700mV into 75R and mixed syncs, 2V p-p
Sync on Green selectable
2nd set of outputs available (see options)
Reclocked serial digital video ( see options).
Serial Digital to Analogue RGB/YUV
DAC210
DAC211
DAC211D
DAC214
D to A, RGB/YUV output, 10 bit, full 601filtering
D to A, RGB/YUV output, 10 bit, full 601filtering, 1 x SDV out
D to A, two sets of RGB/YUV output, 10 bit, full 601 filtering, 1 x SDV out
D to A, RGB/YUV output, 10 bit, full 601 filtering, 4 x SDV out
Input:
Product Codes
Specifications:
10 bit conversion with high performance seperated DAC's. Full Broadcast reconstruction
filters are fitted as standard, complying with Rec 601
Frequency response
Y = 5.75MHz and UV=2.75 (+/- 0.1dB) for full 601 filters
Differential Phase<0.05deg
Differential Gain
<0.05%
YUV to RGB matrix error <1%
Crosstalk
<-54dB
Noise
<-54dB
Cr-Cb delay
+/-5nS
Y-Cr,Cb delay
+/-5nS
Group delay inequality
<10nS ( to 5.5MHz)
Physical:
Power Consumption 8.5W approx
Single Eurocard board, front loading design for Microvideo 1U and 3U frames
For Key channel only use -KEY after part No.
6HULHV 
DAC210 Modules
DAC214
z Broadcast Quality Performance
z Multiple output capability
z Unique Clock Regenerator circuitry
z Blank to analogue line length
z Up to six cards in a single 1U frame
MICROVIDEO LTD, The Old Farm Offices, Copley Hill Farm, Babraham, Cambridge, ENGLAND CB2 4AF
Tel +44 (0) 1223 834119
Fax +44 (0) 1223 834471 Email - sales@microvideo.co.uk Web - www.microvideo.co.uk
Data sheet ref - dac-02.dtp (April 98) The information contained here is confidential and subject to change
0LFURYLGHR


Similar Part No. - DAC210

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
11-BIT VOLTAGE OUTPUT D/A CONVERTER
7/89,Rev.B1
More results

Similar Description - DAC210

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7167 PHILIPS-SAA7167 Datasheet
144Kb / 20P
YUV-to-RGB Digital-to-Analog Converter DAC
1995 Nov 03
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
I2C-bus controlled YUV/RGB switch
1995 Mar 07
TDA8601 PHILIPS-TDA8601 Datasheet
237Kb / 20P
RGB/YUV and fast blanking switch
1996 Jun 27
TDA8753A PHILIPS-TDA8753A Datasheet
111Kb / 20P
YUV 8-bit analog-to-digital interface
1996 Jan 12
logo
Toshiba Semiconductor
TA1287P TOSHIBA-TA1287P Datasheet
697Kb / 23P
RGB TO YUV/IQ HIGH-SPEED MATRIX IC
logo
Wolfson Microelectronic...
WM2148 WOLFSON-WM2148 Datasheet
255Kb / 14P
14-bit 8MSPS Analogue-To-Digital Converter
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
10-Bit Digital-to-Analogue Converter
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
Faraday Technology
SDI-002 FARADAY-SDI-002 Datasheet
113Kb / 2P
SERIAL D1 TO RGB MODULE
logo
NXP Semiconductors
SAF7167AHW NXP-SAF7167AHW Datasheet
120Kb / 21P
YUV-to-RGB digital-to-analog converter
Rev. 01-29 June 2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com