Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC531EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC531EVB
Description  Triple Low-side FET Driver with Digitally Controlled Current Limit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC531EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC531EVB Datasheet HTML 1Page - Semtech Corporation SC531EVB Datasheet HTML 2Page - Semtech Corporation SC531EVB Datasheet HTML 3Page - Semtech Corporation SC531EVB Datasheet HTML 4Page - Semtech Corporation SC531EVB Datasheet HTML 5Page - Semtech Corporation SC531EVB Datasheet HTML 6Page - Semtech Corporation SC531EVB Datasheet HTML 7Page - Semtech Corporation SC531EVB Datasheet HTML 8Page - Semtech Corporation SC531EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
SC531
2
Pin Configuration
Marking Information
Ordering Information
Device
Package
SC53ULTRT()(2)
MLPQ-UT-28 4×4
SC53EVB
Evaluation Board
Notes:
() Available in tape and reel only. A reel contains 3,000 devices.
(2) Lead-free packaging only. Device is WEEE and RoHS compliant,
and halogen free.
TOP VIEW
MLPQ-UT-28; 4x4, 28 LEAD
θ
JA = 32.5°C/W
yyww = Date Code
XXXXX = Semtech Lot Number
XXXXX = Semtech Lot Number
SC531
yyww
XXXXX
XXXXX
CLK
20
CSB
21
DIN
19
22
14
GND
18
VREFH
17
CSENSE
16
VREFL
15
28
23
24
25
26
28
A0
1
ZVSP
2
ZVSN
3
VCC
4
ZVS
5
PGND3
6
OUT3
7
12
13
10
11
9
8
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com