Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2308AEVB Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC2308AEVB
Description  600kHz Step-Up Switching Regulator with 2.2A, 45V Switch
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2308AEVB Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC2308AEVB Datasheet HTML 9Page - Semtech Corporation SC2308AEVB Datasheet HTML 10Page - Semtech Corporation SC2308AEVB Datasheet HTML 11Page - Semtech Corporation SC2308AEVB Datasheet HTML 12Page - Semtech Corporation SC2308AEVB Datasheet HTML 13Page - Semtech Corporation SC2308AEVB Datasheet HTML 14Page - Semtech Corporation SC2308AEVB Datasheet HTML 15Page - Semtech Corporation SC2308AEVB Datasheet HTML 16Page - Semtech Corporation SC2308AEVB Datasheet HTML 17Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
5
4.7mF
C1
12V
VIN
VOUT
GND
EN
IN
SW
FB
ON
OFF
SS26
D1
C2
10mF
R2
3.57k
R1
102k
36V, 0.4A
L
22mH
COMP
R3
487k
C4
220pF
SC2308A
C6
10mF
C5
10mF
C3
10mF
SC2308A
4.7µF
C1
3.3V
VIN
VOUT
GND
EN
IN
SW
FB
ON
OFF
SS22
D1
C2
100µF
R2
59k
R1
180k
5V, 1.1A
L
10µH
COMP
R3
200k
C4
220pF
SC2308A
C3
100µF
C6
10pF
Figure 10. 3.3V to 5V Step-Up Converter
C
1: Murata GRM31CR61A475K
C
2,C3: Sanyo 6TPG100M
L: Coilcraft DO3316P103
D
1: ON SS22
Typical Application Circuits
Figure 11. 12V to 36V Step-Up Converter
C
1: Murata GRM31CR61C475K
C
2,C3 ,C5,C6: Murata GRM31CR61H106K
L: Cooper CD1-220
D
1: ON SS26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com