Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH485-2 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH485-2
Description  GaAlAs-IR-Lumineszenzdioden (880 nm)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH485-2 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH485-2 Datasheet HTML 1Page - OSRAM GmbH SFH485-2 Datasheet HTML 2Page - OSRAM GmbH SFH485-2 Datasheet HTML 3Page - OSRAM GmbH SFH485-2 Datasheet HTML 4Page - OSRAM GmbH SFH485-2 Datasheet HTML 5Page - OSRAM GmbH SFH485-2 Datasheet HTML 6Page - OSRAM GmbH SFH485-2 Datasheet HTML 7Page - OSRAM GmbH SFH485-2 Datasheet HTML 8Page - OSRAM GmbH SFH485-2 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2010-11-29
4
SFH 484, SFH 485
Temperaturkoeffizient von I
e bzw. Φe,
I
F = 100 mA
Temperature coefficient of I
e or Φe,
I
F = 100 mA
TC
I
– 0.5
%/K
Temperaturkoeffizient von
V
F, IF = 100 mA
Temperature coefficient of
V
F, IF = 100 mA
TC
V
– 2
mV/K
Temperaturkoeffizient von
λ, I
F = 100 mA
Temperature coefficient of
λ, I
F = 100 mA
TCλ
0.25
nm/K
Gruppierung der Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel
Ω = 0.001 sr bei SFH 484 bzw. Ω = 0.01 sr bei SFH 485
Grouping of Radiant Intensity I
e in Axial Direction
at a solid angle of
Ω = 0.001 sr at SFH 484 or Ω = 0.01 sr at SFH 485
Bezeichnung
Parameter
Symbol
Wert
Value
Einheit
Unit
SFH
484
SFH
484-1
SFH
484-2
SFH
485
SFH
485-2
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
I
e min
I
e max
50
-
50
100
80
-
25
160
25
100
mW/sr
mW/sr
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com