Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TSM921 Datasheet(PDF) 7 Page - Touchstone Semiconductor Inc

Part # TSM921
Description  Ultra-Low-Power, Single/Dual-Supply Comparators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOUCHSTONE [Touchstone Semiconductor Inc]
Direct Link  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TSM921 Datasheet(HTML) 7 Page - Touchstone Semiconductor Inc

Back Button TSM921 Datasheet HTML 3Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 4Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 5Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 6Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 7Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 8Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 9Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 10Page - Touchstone Semiconductor Inc TSM921 Datasheet HTML 11Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TSM921-TSM924
TSM921_24DS r1p0
Page 7
RTFDS
TYPICAL PERFORMANCE CHARACTERISTICS
V+ = 5V; V- = GND; TA = +25°C, unless otherwise noted.
LOAD CURRENT - mA
4
8
1
0
Output Voltage Low
vs Load Current
0
12
1.5
2
0.5
16
LOAD CURRENT - µA
5
10
1.165
1.155
1.180
Reference Output Voltage vs
Output Load Current
0
15
1.170
1.175
1.160
20
TEMPERATURE - ºC
Reference Voltage vs Temperature
LOAD CURRENT - mA
10
20
2
1.5
Output Voltage High vs
Load Current
0
30
2.5
40
50
3
3.5
V+ = 3V
V+ = 5V
SINK
TEMPERATURE - ºC
2.5
1.5
TSM921 Supply Current vs
Temperature
3
3.5
2
TEMPERATURE - ºC
TSM922 Supply Current vs
Temperature
IN+ = IN- + 100mV
20
2.5
4
4.5
5
V+ = 3V
V+ = 5V
25
30
1.190
1.185
SOURCE
V+ = 3V or 5V
-15
10
-40
35
60
85
1.16
1.14
1.19
1.17
1.18
1.15
1.21
1.20
1.22
-15
10
-40
35
60
85
4
V+ = 5V, V- = -5V
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
-15
10
-40
35
60
85
IN+ = IN- + 100mV
V+ = 10V, V- = 0V
V+ = 5V, V- = 0V
V+ = 3V, V- = 0V
24
28
4.5
2.5
1.5
3
3.5
2
4
4.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com