Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

41594B Datasheet(PDF) 12 Page - Microchip Technology

Part # 41594B
Description  8-Bit Flash Microcontroller with nanoWatt XLP Technology
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

41594B Datasheet(HTML) 12 Page - Microchip Technology

Back Button 41594B Datasheet HTML 8Page - Microchip Technology 41594B Datasheet HTML 9Page - Microchip Technology 41594B Datasheet HTML 10Page - Microchip Technology 41594B Datasheet HTML 11Page - Microchip Technology 41594B Datasheet HTML 12Page - Microchip Technology 41594B Datasheet HTML 13Page - Microchip Technology 41594B Datasheet HTML 14Page - Microchip Technology 41594B Datasheet HTML 15Page - Microchip Technology 41594B Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 372 page
background image
PIC12LF1840T48A
DS41594B-page 12
Preliminary
 2011-2012 Microchip Technology Inc.
RA4/AN3/CPS3/OSC2/
CLKOUT/T1OSO/C1IN1-/CLKR/
SDO(1)/CK(1)/TX(1)/P1B(1)/
T1G(1)/MDCIN2
RA4
TTL
CMOS General purpose I/O.
AN3
AN
A/D Channel 3 input.
CPS3
AN
Capacitive sensing input 3.
OSC2
XTAL
Crystal/Resonator (LP, XT, HS modes).
CLKOUT
CMOS FOSC/4 output.
T1OSO
XTAL
XTAL
Timer1 oscillator connection.
C1IN1-
AN
Comparator C1 negative input.
CLKR
CMOS Clock Reference output.
SDO
CMOS SPI data output.
CK
ST
CMOS USART synchronous clock.
TX
CMOS USART asynchronous transmit.
P1B
CMOS PWM output.
T1G
ST
Timer1 Gate input.
MDCIN2
ST
Modulator Carrier Input 2.
RA5/CLKIN/OSC1/T1OSI/
T1CKI/SRNQ/P1A(1)/CCP1(1)/
DT(1)/RX(1)
RA5
TTL
CMOS General purpose I/O.
CLKIN
CMOS
External clock input (EC mode).
OSC1
XTAL
Crystal/Resonator (LP, XT, HS modes).
T1OSI
XTAL
XTAL
Timer1 oscillator connection.
T1CKI
ST
Timer1 clock input.
SRNQ
CMOS SR Latch inverting output.
P1A
CMOS PWM output.
CCP1
ST
CMOS Capture/Compare/PWM 1.
DT
ST
CMOS USART synchronous data.
RX
ST
USART asynchronous input.
VDD
VDD
Power
Positive supply.
VSS
VSS
Power
Ground reference.
VDDRF
VDDRF
Power
Positive supply.
VSSRF
VSSRF
Power
Ground reference.
TABLE 1-2:
PIC12LF1840T48A PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Pin functions can be assigned to one of two pin locations via software. See the APFCON register (Register 12-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com