Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD10242/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD10242/PCB
Description  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD10242/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD10242/PCB Datasheet HTML 1Page - Analog Devices AD10242/PCB Datasheet HTML 2Page - Analog Devices AD10242/PCB Datasheet HTML 3Page - Analog Devices AD10242/PCB Datasheet HTML 4Page - Analog Devices AD10242/PCB Datasheet HTML 5Page - Analog Devices AD10242/PCB Datasheet HTML 6Page - Analog Devices AD10242/PCB Datasheet HTML 7Page - Analog Devices AD10242/PCB Datasheet HTML 8Page - Analog Devices AD10242/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
AD10242
FEATURES
Two Matched ADCs with Input Signal Conditioning
Selectable Bipolar Input Voltage Range
( 0.5 V,
1.0 V,
2.0 V)
Full MIL-STD-883B Compliant
80 dB Spurious-Free Dynamic Range
Trimmed Channel-Channel Matching
APPLICATIONS
Radar Processing
Communications Receivers
FLIR Processing
Secure Communications
Any I/Q Signal Processing Application
The AD10242 operates with
±5.0 V for the analog signal condi-
tioning with a separate +5.0 V supply for the analog-to-digital
conversion. Each channel is completely independent allowing
operation with independent encode or analog inputs. The
AD10242 also offers the user a choice of analog input signal
ranges to minimize additional signal conditioning required for
multiple functions within a single system. The heart of the
AD10242 is the AD9042 which is designed specifically for appli-
cations requiring wide dynamic range.
The AD10242 is manufactured by Analog Devices on our
MIL-PRF-38534 MCM line and is completely qualified. Units
are packaged in a custom cofired ceramic 68-lead gull wing
package and specified for operation from –55
°C to +125°C.
Contact the factory for additional custom options including
those which allow the user to ac couple the ADC directly, by-
passing the front end amplifier section. Also see the AD9042
data sheet for additional details on ADC performance.
PRODUCT HIGHLIGHTS
1. Guaranteed sample rate of 40 MSPS.
2. Dynamic performance specified over entire Nyquist band;
spurious signals @ 80 dBc for –1 dBFS input signals.
3. Low power dissipation: <2 W off
±5.0 V supplies.
4. User defined input amplitude.
5. Packaged in 68-lead ceramic leaded chip carrier.
PRODUCT DESCRIPTION
The AD10242 is a complete dual signal chain solution including
onboard amplifiers, references, ADCs, and output buffering pro-
viding unsurpassed total system performance. Each channel is
laser trimmed for gain and offset matching and provides channel-
to-channel crosstalk performance better than 80 dB. The AD10242
utilizes two each of the AD9631, OP279, and the AD9042 in a
custom MCM to gain space, performance, and cost advantages
over solutions previously available.
FUNCTIONAL BLOCK DIAGRAM
OP279
OP279
AD9042
AD9631
9
12
TIMING
AIN3
AIN2AIN1
D11B (MSB)
D10B
D9B
D8B
D7B
D0B
(LSB)
D1B
D2B
D3B
D4B
D5B
D6B
D9A
D10A
D11A
(MSB)
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
ENC
ENC
AD10242
5
VREF
OUTPUT BUFFERING
UNEG
UCOM
UPOS
OP279
OP279
AD9042
AD9631
7
12
TIMING
AIN2
AIN1
VREF
OUTPUT BUFFERING
AIN3
UPOS
UNEG
UCOM
ENC
ENC
6
8
7
62
63
56
55
64
57
19
20
21
22
23
24
25
17
18
12
3
4
28
29
31
32
33
36
40
41
42
38
37
39
52
51
49
48
47
46
45
Dual, 12-Bit, 40 MSPS MCM A/D Converter
with Analog Input Signal Conditioning
a
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997


Similar Part No. - AD10242/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
448Kb / 16P
MCM A/D Converter
Rev. D
logo
MicroPower Direct, LLC
AD102424F MPD-AD102424F Datasheet
292Kb / 2P
AD1024F Series
logo
Analog Devices
AD10242BZ AD-AD10242BZ Datasheet
448Kb / 16P
MCM A/D Converter
Rev. D
AD10242TZ AD-AD10242TZ Datasheet
448Kb / 16P
MCM A/D Converter
Rev. D
AD10242TZ/883B AD-AD10242TZ/883B Datasheet
448Kb / 16P
MCM A/D Converter
Rev. D
More results

Similar Description - AD10242/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD15452 AD-AD15452 Datasheet
340Kb / 16P
12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
A/D Converter with Analog Input Signal Conditioning
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com